Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4604 Datasheet HTML 1Page - STMicroelectronics TS4604 Datasheet HTML 2Page - STMicroelectronics TS4604 Datasheet HTML 3Page - STMicroelectronics TS4604 Datasheet HTML 4Page - STMicroelectronics TS4604 Datasheet HTML 5Page - STMicroelectronics TS4604 Datasheet HTML 6Page - STMicroelectronics TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TS4604
Absolute maximum ratings and operating conditions
Doc ID 17913 Rev 1
3/31
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
5.5
V
Vin
Input voltage enable & standby pin (2)
2.
The magnitude of the input signal must never exceed VCC + 0.3 V/GND - 0.3 V.
GND to VCC
V
Vin
Input signal voltage
-2.5 to +2.5
V
Toper
Operating free-air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
3.
The device is protected from overheating by a thermal shutdown mechanism active at 150° C.
200
°C/W
Pd
Power dissipation
Internally limited(4)
4.
Exceeding the power derating curves during a long period provokes abnormal operating conditions.
ESD
Human body model for all pins except outputs
Human body model for all output pins
2
8
kV
Machine model
200
V
Charge device model
1500
V
Latch-up
Latch-up immunity
200
mA
Lead temperature (soldering, 10sec)
260
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
3 to 4.8
V
Vicm
Common-mode input voltage range
From -1.4 to 1.4
V
RLD
Line drive load resistor
≥ 5kΩ
RHD
Headset drive load resistor
≥ 16
Ω
Rthja
Thermal resistance junction-to-ambient (1)
1.
With heatsink surface = 125 mm2.
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com