Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 2Page - STMicroelectronics TS4604 Datasheet HTML 3Page - STMicroelectronics TS4604 Datasheet HTML 4Page - STMicroelectronics TS4604 Datasheet HTML 5Page - STMicroelectronics TS4604 Datasheet HTML 6Page - STMicroelectronics TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics TS4604 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Electrical characteristics
TS4604
6/31
Doc ID 17913 Rev 1
3
Electrical characteristics
Table 4.
Common part: VCC = +3.3 V, GND = 0 V, CPhp = CPld = 1 µF, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameters and test conditions
Min.
Typ.
Max.
Unit
VIL
VENHP and VENLD Input voltage low
38
40
43
% Vcc
VIH
VENHP and VENLD Input voltage high
57
60
66
% Vcc
IIH
High level input current (ENHP and ENLD)
-1
1
µA
IIL
Low level input current (ENHP and ENLD)
-1
1
µA
Fosc
Internal negative voltage switching frequency, all temperature
range
400
550
800
kHz
Vup
External undervoltage detection threshold
1.15
1.25
1.35
V
Ihyst
External undervoltage detection hysteresis current
5
µA
Vhyst
Pvcc_HP/LD Internal undervoltage detection hysteresis
200
mV
Vuvl
Pvcc_HP/LD internal undervoltage detection
– power up
– power down
2.8
2.6
V
Av
Overall external gain (R2
≤100 kΩ, R1 = R2/Av)
0
1
20
10
dB
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com