Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 13Page - STMicroelectronics TS4604 Datasheet HTML 14Page - STMicroelectronics TS4604 Datasheet HTML 15Page - STMicroelectronics TS4604 Datasheet HTML 16Page - STMicroelectronics TS4604 Datasheet HTML 17Page - STMicroelectronics TS4604 Datasheet HTML 18Page - STMicroelectronics TS4604 Datasheet HTML 19Page - STMicroelectronics TS4604 Datasheet HTML 20Page - STMicroelectronics TS4604 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TS4604
Application information
Doc ID 17913 Rev 1
17/31
6
Application information
6.1
General description
The TS4604 is a stereo headset driver and a ground-referenced stereo audio line driver. To
save energy, each audio path, line driver or headphone can be independently set to standby
mode.
The headphone delivers up to 100 mW into a 16
Ω load, and the line driver drives up to
2 Vrms into 5k or more. The gain can be set up to 20 dB by changing the values of the
external gain resistors.
The outputs of the headphone and line driver are protected against overloads. Overloads
can occur when the outputs are short-circuited between them or to Gnd or to VCC. There is
also an internal thermal shutdown activated at 150°C (typical) and deactivated at 120°C
(typical).
To remove the bulky output DC blocking capacitor and maximize the output swing of the
amplifier, the TS4604 embeds a low noise internal negative supply. All amplifiers are
supplied between a positive voltage +Vp and a negative voltage -Vn. With this architecture,
the output voltage is centered on 0 V, allowing the swing of the output voltage between the
positive and negative rail, as depicted in Figure 45.
Both the line driver and headset driver use this architecture.
Figure 45.
TS4604 voltage for one channel
Note:
The PVSSHP and PVSSLD voltages are generated internally by the internal negative
supply. To avoid damage to the TS4604, do not connect an external power supply on
the PVSSHP and PVSSLD pins.
0 V
Vreg
Vreg
Vcc
+Vp
-Vn
-
+
+Vp
-Vn
In+
In-
Out
Negative
supply
AM06139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com