Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 20Page - STMicroelectronics TS4604 Datasheet HTML 21Page - STMicroelectronics TS4604 Datasheet HTML 22Page - STMicroelectronics TS4604 Datasheet HTML 23Page - STMicroelectronics TS4604 Datasheet HTML 24Page - STMicroelectronics TS4604 Datasheet HTML 25Page - STMicroelectronics TS4604 Datasheet HTML 26Page - STMicroelectronics TS4604 Datasheet HTML 27Page - STMicroelectronics TS4604 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Application information
TS4604
24/31
Doc ID 17913 Rev 1
Figure 53.
Frequency response 2nd-order MFB filter
6.10
ESD protection and compliance
To provide excellent ESD immunity, an audio line IPAD(a) (STMicroelectronics reference
EMIF04-EAR02M8) can be added at the output of the TS4604 (Figure 54).
By adding the IPAD, the TS4604 complies with the standard IEC 61000-4-2 level 4 on the
external pins.
●
OUT_HPL and OUT_HPR for the headphone driver.
●
OUT_LDL and OUT_LDR for the Line driver.
1
10
100
1000
10000
100000
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
R1 = Rin = 10k
Ω,
Rfd = 24k
Ω,
C1 = 680pF,
C2 = 120pF,
Frequency (Hz)
Table 8.
Recommended values for 2nd order low-pass filter
Low-pass filter
Rin
R1
Rfd
C1
C2
25 kHz
10 k
Ω
10 k
Ω
15 k
Ω
1 nF
200 pF
30 kHz
10 k
Ω
10 k
Ω
24 k
Ω
680 pF
120 pF
a.
Copyright ST Microelectronics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com