Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 21Page - STMicroelectronics TS4604 Datasheet HTML 22Page - STMicroelectronics TS4604 Datasheet HTML 23Page - STMicroelectronics TS4604 Datasheet HTML 24Page - STMicroelectronics TS4604 Datasheet HTML 25Page - STMicroelectronics TS4604 Datasheet HTML 26Page - STMicroelectronics TS4604 Datasheet HTML 27Page - STMicroelectronics TS4604 Datasheet HTML 28Page - STMicroelectronics TS4604 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TS4604
Application information
Doc ID 17913 Rev 1
25/31
Figure 54.
TS4604 with IPAD for ESD immunity
6.11
Pop-&-click circuitry
Thanks to the internal negative supply the headphone and line driver outputs are referred to
ground without the need for bulky in-series capacitors. As a result, the pop created by these
bulky capacitors is eliminated. In addition, the TS4604 includes a pop-&-click circuitry that
suppresses any residual pop on the outputs, thus enabling the outputs to be virtually pop-&-
click-free.
6.12
Start-up phase
To further improve the pop-&-click performance, two important points must be taken into
account during the start-up phase.
Input capacitor
During the start up phase, as long as the AC input coupling capacitors are not fully charged,
we suggested to remain the EN_LD and En_HP and/or Ext_UVP pin low.
The constant time for an RC filter is given by:
We can consider that the input capacitor Cin will be charged at 95% of its maximum value
at:
OUT_R
OUT_L
A1
A2
B2
Gnd
IPAD
Gnd
Gnd
+
-
-
+
InR-
InR+
InL-
InL+
OUT_R
OUT_L
TS4604
C1
C2
AM06147
τ
Rin
Cin
=
T3
τ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com