Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 17Page - STMicroelectronics TS4604 Datasheet HTML 18Page - STMicroelectronics TS4604 Datasheet HTML 19Page - STMicroelectronics TS4604 Datasheet HTML 20Page - STMicroelectronics TS4604 Datasheet HTML 21Page - STMicroelectronics TS4604 Datasheet HTML 22Page - STMicroelectronics TS4604 Datasheet HTML 23Page - STMicroelectronics TS4604 Datasheet HTML 24Page - STMicroelectronics TS4604 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TS4604
Application information
Doc ID 17913 Rev 1
21/31
6.7
Performance of CMRR
When the TS4604 is used in differential mode (Figure 46), because of the resistor matching
the CMRR can have important variations.
To minimize these variations, we recommend using the same kind of resistor (same
tolerance).
The following equation is valid for frequencies ranging from DC to about kHz. The equation
is simplified by neglecting the
ΔR² terms. ΔR is the tolerance value as a percentage.
It is extremely important to correctly match the resistors to obtain a good CMRR.
All the tests have been performed with resistors with a tolerance value of 0.1%.
Example:
With
ΔR = 1% the minimum CMRR would be 34 dB.
With
ΔR = 0.1% the minimum CMRR would be 54 dB.
6.8
Internal and external undervoltage detection
The TS4604 embeds two UVLOs: one internal and one external.
6.8.1
Internal UVLO
The internal UVLO monitors the power supply via pins PVCC_HP (20) and PVCC_LD(23).
The threshold is set to 2.8 V with a 200 mV hysteresis. If the power supply decreases to
2.6 V, the TS4604 switches to standby mode. To switch the device on again, the power
supply voltage must increase to above 2.8 V.
Refer to Table 4 for the tolerance of the UVLO voltage.
6.8.2
External UVLO
The Ex_UVP pin (25) is an external undervoltage detection input that can be used to start
up or shutdown the TS4604 by applying the correct voltage value. A 1.25 V internal
precision voltage is used as a reference to monitor the voltage applied to the Ex_UPVP pin.
To set a desired shutdown threshold and hysteresis for the application, a resistor divider can
be calculated as follows.
with the condition R3>>R1//R2.
CMRR
20
100
4
ΔR
------------ 1
Rfd
Rin
----------
+
⎝⎠
⎛⎞ dB
()
log
Vuvp
1.25V
R1
R2
+
()
R1
---------------------------
=
Vhyst
≈ 5μAR3
R2
R1
--------
1
+
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com