Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics TS4604 Datasheet HTML 10Page - STMicroelectronics TS4604 Datasheet HTML 11Page - STMicroelectronics TS4604 Datasheet HTML 12Page - STMicroelectronics TS4604 Datasheet HTML 13Page - STMicroelectronics TS4604 Datasheet HTML 14Page - STMicroelectronics TS4604 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TS4604
Characteristics of the headset driver
Doc ID 17913 Rev 1
11/31
5
Characteristics of the headset driver
Figure 14.
Current consumption vs. power
supply
Figure 15.
Standby current vs. power supply
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
No Load; No input signal
Headset Driver
Ta=25°C
Power Supply Voltage Vcc (V)
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8
0
200
400
600
800
1000
1200
No Load; No input signal
Line Driver
Ta=25°C
Power Supply Voltage Vcc (V)
Figure 16.
Output power vs. power supply
(RL = 16 Ω, G = 0 dB)
Figure 17.
Output power vs. power supply
(RL = 16 Ω, G = 20 dB)
3.0 3.1 3.2 3.33.4 3.5 3.6 3.7 3.83.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8
0
20
40
60
80
100
120
140
160
180
THD+N=10% (0°)
THD+N=1% (180°)
THD+N=1% (0°)
THD+N=10% (180°)
RL = 16
Ω, F=1kHz
G=0dB
BW<30kHz, Ta=25 C
Headset Driver
Power Supply Voltage Vcc (V)
3.0 3.1 3.2 3.33.4 3.5 3.6 3.7 3.83.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8
0
20
40
60
80
100
120
140
160
180
THD+N=10% (0°)
THD+N=1% (180°)
THD+N=1% (0°)
THD+N=10% (180°)
RL = 16
Ω, F=1kHz
G=20dB
BW<30kHz, Ta=25 C
Headset Driver
Power Supply Voltage Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com