Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 19Page - STMicroelectronics TS4604 Datasheet HTML 20Page - STMicroelectronics TS4604 Datasheet HTML 21Page - STMicroelectronics TS4604 Datasheet HTML 22Page - STMicroelectronics TS4604 Datasheet HTML 23Page - STMicroelectronics TS4604 Datasheet HTML 24Page - STMicroelectronics TS4604 Datasheet HTML 25Page - STMicroelectronics TS4604 Datasheet HTML 26Page - STMicroelectronics TS4604 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TS4604
Application information
Doc ID 17913 Rev 1
23/31
To switch the TS4604 back to standby, the voltage across the divider R1, R2 has to be lower
than 1.25 V - VHyst
× R1/(R1 + R2). The ESV can be an external voltage or simply the
power supply voltage PVcc_LD/HD.
6.9
2nd order Butterworth low-pass filter
The TS4604 can also be configured as a low-pass filter to be driven directly by a DAC
output. It can be used, for example, as a 2nd order low-pass filter, with either a differential
input or a single-ended input.
Figure 51 and Figure 52 depict these two kinds of application and represent a multiple
feedback 2nd order low-pass filter.
An AC-coupling capacitor should be added to block any DC component from the source,
which helps to reduce the output DC offset to a minimum.
Example 2nd-order multi-feedback filter in differential mode
Figure 53 shows a filter in differential mode with a cut-off frequency at 30 kHz (configured as
per the values in Table 8, which proposes various filter options using a differential input).
Figure 51.
Multi-feedback filter with
differential input
Figure 52.
Multi-feedback filter with single-
ended input
Rin
Rin
Rfd
Cin
Cin
Rfd
R1
R1
C1
C1
C2
Vout
Vin-
Vin+
AM06145
Rin
Rfd
Cin
R1
C1
C2
Vout
Vin-
AM06146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com