Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1165ACUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1165ACUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165ACUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1165ACUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND ........................................-0.3V to (AVDD + 0.3V)
AGND to DGND.....................................................-0.3V to +0.3V
AIN, REF, REFADJ to AGND....................-0.3V to (AVDD + 0.3V)
CS, HBEN, R/C, RESET to DGND ............................-0.3V to +6V
Digital Output (D15–D0, EOC)
to DGND ..............................................-0.3V to (DVDD + 0.3V)
Maximum Continuous Current Into Any Pin ........................50mA
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP (derate 10.9mW/°C above+70°C) ........879mW
28-Pin TSSOP (derate 12.8mW/°C above +70°C) .....1026mW
Operating Temperature Ranges
MAX116_ _CU_ ...................................................0°C to +70°C
MAX116_ _EU_ ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
N
16
Bits
MAX116_A
±2
MAX116_B
±2
Relative Accuracy
(Note 1)
INL
MAX116_C
±4
LSB
MAX116_A
±1
No missing codes
over temperature
MAX116_B
-1
±1.5
Differential Nonlinearity
DNL
MAX116_C
±2
LSB
RMS noise, external reference, includes
quantization noise
0.65
LSBRMS
Transition Noise
Internal reference
0.7
LSBRMS
Offset Error
0.05
1
mV
Gain Error
(Note 2)
±0.002
±0.02
%FSR
Offset Drift
0.6
ppm/°C
Gain Drift
0.2
ppm/°C
DYNAMIC PERFORMANCE (fIN(SINE-WAVE) = 1kHz, VIN = 4.096VP-P, 165ksps)
Signal-to-Noise Plus Distortion
SINAD
86
90
dB
Signal-to-Noise Ratio
SNR
87
90
dB
Total Harmonic Distortion
THD
-102
-90
dB
Spurious-Free Dynamic Range
SFDR
92
105
dB
Full-Power Bandwidth
-3dB point
4
MHz
Full-Linear Bandwidth
SINAD > 81dB
33
kHz
CONVERSION RATE
Sample Rate
fSAMPLE
165
ksps
Aperture Delay
27
ns
Aperture Jitter
<100
ps
ANALOG INPUT
Input Range
VAIN
0VREF
V
Input Capacitance
CAIN
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com