Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1165ACUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1165ACUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165ACUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1165ACUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 9Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 10Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
MAX1165
MAX1166
MAX1165
MAX1166
FUNCTION
1
1
D8
D4/D12
Three-State Digital Data Output
2
2
D9
D5/D13
Three-State Digital Data Output
3
3
D10
D6/D14
Three-State Digital Data Output
4
4
D11
D7/D15
Three-State Digital Data Output. D15 is the MSB.
5
—
D12
—
Three-State Digital Data Output
6
—
D13
—
Three-State Digital Data Output
7
—
D14
—
Three-State Digital Data Output
8
—
D15
—
Three-State Digital Data Output (MSB)
95
R/C
Read/Convert Input. Power up and put the MAX1165/MAX1166 in acquisition mode
by holding R/C low during the first falling edge of CS. During the second falling
edge of CS, the level on R/C determines whether the reference and reference
buffer power down or remain on after conversion. Set R/C high during the second
falling edge of CS to power down the reference and buffer, or set R/C low to leave
the reference and buffer powered up. Set R/C high during the third falling edge of
CS to put valid data on the bus.
10
6
EOC
End of Conversion. EOC drives low when conversion is complete.
11
7
AVDD
Analog Supply Input. Bypass with a 0.1µF capacitor to AGND.
12
8
AGND
Analog Ground. Primary analog ground (star ground).
13
9
AIN
Analog Input
14
10
AGND
Analog Ground. Connect pin 14 to pin 12 (MAX1165). Connect pin 10 to pin 8
(MAX1166).
15
11
REFADJ
Reference Buffer Output. Bypass REFADJ with a 0.1µF capacitor to AGND for internal
reference mode. Connect REFADJ to AVDD to select external reference mode.
16
12
REF
Reference Input/Output. Bypass REF with a 4.7µF capacitor to AGND for internal
reference mode. External reference input when in external reference mode.
17
—
RESET
Reset Input. Logic high resets the device.
—
13
HBEN
High-Byte Enable Input. Used to multiplex the 14-bit conversion result:
1: Most significant byte available on the data bus.
0: Least significant byte available on the data bus.
18
14
CS
Convert Start. The first falling edge of CS powers up the device and enables
acquire mode when R/C is low. The second falling edge of CS starts conversion.
The third falling edge of CS loads the result onto the bus when R/C is high.
19
15
DGND
Digital Ground
20
16
DVDD
Digital Supply Voltage. Bypass with a 0.1µF capacitor to DGND.
21
17
D0
D0/D8
Three-State Digital Data Output
22
18
D1
D1/D9
Three-State Digital Data Output
23
19
D2
D2/D10
Three-State Digital Data Output
24
20
D3
D3/D11
Three-State Digital Data Output
25
—
D4
—
Three-State Digital Data Output
26
—
D5
—
Three-State Digital Data Output
27
—
D6
—
Three-State Digital Data Output
28
—
D7
—
Three-State Digital Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com