Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1165ACUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1165ACUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165ACUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1165ACUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
4
_______________________________________________________________________________________
Note 1: Relative accuracy is the deviation of the analog value at any code from its theoretical value after offset and gain errors have
been removed.
Note 2: Offset nulled.
Note 3: Shutdown supply currents are typically 0.5µA, maximum specification is limited by automated test equipment.
Note 4: Defined as the change in positive full scale caused by a ±5% variation in the nominal supply.
Note 5: To ensure best performance, finish reading the data and wait tBR before starting a new acquisition.
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
165ksps
0.5
0.7
100ksps
0.3
10ksps
0.03
Digital Supply Current
IDVDD
D0–D15 = all zeros
1ksps
0.003
mA
IAVDD
0.5
5
Full power-down
IDVDD
0.5
5
µA
IAVDD
1.0
1.2
mA
Shutdown Supply Current
ISHDN
REF and REF buffer enabled
(standby mode)
IDVDD
(Note 3)
0.5
5
µA
Power-Supply Rejection Ratio
PSRR
AVDD = +5V ±5%, full-scale input (Note 4)
68
dB
TIMING CHARACTERISTICS (Figures 1 and 2)
(AVDD = +4.75V to +5.25V, DVDD = +2.7V to AVDD, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, CLOAD = 20pF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA= +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
1.1
Conversion Time
tCONV
4.7
µs
CS Pulse Width High
tCSH
(Note 5)
40
ns
VDVDD = 4.75V to 5.25V
40
CS Pulse Width Low (Note 5)
tCSL
VDVDD = 2.7V to 5.25V
60
ns
R/C to CS Fall Setup Time
tDS
0ns
VDVDD = 4.75V to 5.25V
40
R/C to CS Fall Hold Time
tDH
VDVDD = 2.7V to 5.25V
60
ns
VDVDD = 4.75V to 5.25V
40
CS to Output Data Valid
tDO
VDVDD = 2.7V to 5.25V
80
ns
VDVDD = 4.75V to 5.25V
40
HBEN Transition to Output Data
Valid (MAX1166 Only)
tDO1
VDVDD = 2.7V to 5.25V
80
ns
EOC Fall to CS Fall
tDV
0ns
VDVDD = 4.75V to 5.25V
40
CS Rise to EOC Rise
tEOC
VDVDD = 2.7V to 5.25V
80
ns
VDVDD = 4.75V to 5.25V
40
Bus Relinquish Time (Note 5)
tBR
VDVDD = 2.7V to 5.25V
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com