Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4431 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4431
Description  Micropower Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4431 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4431 Datasheet HTML 1Page - National Semiconductor (TI) LM4431 Datasheet HTML 2Page - National Semiconductor (TI) LM4431 Datasheet HTML 3Page - National Semiconductor (TI) LM4431 Datasheet HTML 4Page - National Semiconductor (TI) LM4431 Datasheet HTML 5Page - National Semiconductor (TI) LM4431 Datasheet HTML 6Page - National Semiconductor (TI) LM4431 Datasheet HTML 7Page - National Semiconductor (TI) LM4431 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Functional Block Diagram
Applications Information
The LM4431 is a micro-power curvature-corrected 2.5V
bandgap shunt voltage reference. For space critical applica-
tions, the LM4431 is available in the sub-miniature SOT-23
surface-mount package. The LM4431 has been designed for
stable operation without the need of an external capacitor
connected between the “+” pin and the “−” pin. If, however, a
bypass capacitor is used, the LM4431 remains stable. The
operating current range is 100 µA to 15 mA.
The LM4431’s SOT-23 package has a parasitic Schottky di-
ode between pin 2 (−) and pin 3 (Die attach interface con-
tact). Therefore, pin 3 of the SOT-23 package must be left
floating or connected to pin 2.
In a conventional shunt regulator application (
Figure 1),an
external series resistor (R
S) is connected between the sup-
ply voltage and the LM4431. R
S determines the current that
flows through the load (I
L) and the LM4431 (IQ). Since load
current and supply voltage may vary, R
S should be small
enough to supply at least the minimum acceptable I
Q to the
LM4431 even when the supply voltage is at its minimum and
the load current is at its maximum value. When the supply
voltage is at its maximum and I
L is at its minimum, RS should
be large enough so that the current flowing through the
LM4431 is less than 15 mA.
R
S is determined by the supply voltage, (VS), the load and
operating current, (I
L and IQ), and the LM4431’s reverse
breakdown voltage, V
R.
Typical Applications
DS011374-8
DS011374-9
FIGURE 1. Shunt Regulator
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com