Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4431 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4431
Description  Micropower Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4431 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4431 Datasheet HTML 1Page - National Semiconductor (TI) LM4431 Datasheet HTML 2Page - National Semiconductor (TI) LM4431 Datasheet HTML 3Page - National Semiconductor (TI) LM4431 Datasheet HTML 4Page - National Semiconductor (TI) LM4431 Datasheet HTML 5Page - National Semiconductor (TI) LM4431 Datasheet HTML 6Page - National Semiconductor (TI) LM4431 Datasheet HTML 7Page - National Semiconductor (TI) LM4431 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
20 mA
Forward Current
10 mA
Power Dissipation (T
A = 25˚C) (Note 2)
M3 Package
306 mW
Storage Temperature
−65˚C to +150˚C
Lead Temperature
M3 Package
Vapor phase (60 seconds)
+215˚C
Infrared (15 seconds)
+220˚C
ESD Susceptibility
Human Body Model (Note 3)
2 kV
Machine Model (Note 3)
200V
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Operating Ratings(Notes 1, 2)
Temperature Range
(T
min ≤ TA ≤ Tmax)
0˚C
≤ T
A ≤ +70˚C
Reverse Current
LM4431-2.5
100 µA to 15 mA
LM4431-2.5
Electrical Characteristics
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
LM4431M3
Units
(Note 4)
Limits
(Limit)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 100 µA
2.500
V
Reverse Breakdown
VoltageTolerance
I
R = 100 µA
±50
mV (max)
I
RMIN
Minimum Operating Current
45
µA
100
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10 mA
±30
ppm/˚C
Voltage Temperature
I
R = 1mA
±30
ppm/˚C
Coefficient
I
R = 100 µA
±30
ppm/˚C
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR ≤ 1 mA
0.4
mV
Change with Operating
1.0
mV (max)
Current Change
1.2
mV (max)
1mA
≤ I
R ≤ 15 mA
2.5
mV
8.0
mV (max)
25
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1 mA, f = 120 Hz
1.0
Ω
I
AC = 0.1 IR
e
N
Wideband Noise
I
R = 100 µA
35
µV
rms
10 Hz
≤ f ≤ 10 kHz
∆V
R
Reverse Breakdown Voltage
t = 1000 hrs
Long Term Stability
T = 25˚C ±0.1˚C
120
ppm
I
R = 100 µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed speci-
fications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (junction to am-
bient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax = (TJmax −TA)/θJA or the number
given in the Absolute Maximum Ratings, whichever is lower. For the LM4431, TJmax = 125˚C, and the typical thermal resistance (θJA), when board mounted, is
326˚C/W for the SOT-23 package.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di-
rectly into each pin.
Note 4: Typicals are at TJ = 25˚C and represent most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over temperature are guaranteed through correlation using Statistical Quality Control (SQC) methods. The
limits are used to calculate National’s AOQL.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com