Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4431 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4431
Description  Micropower Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4431 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4431 Datasheet HTML 1Page - National Semiconductor (TI) LM4431 Datasheet HTML 2Page - National Semiconductor (TI) LM4431 Datasheet HTML 3Page - National Semiconductor (TI) LM4431 Datasheet HTML 4Page - National Semiconductor (TI) LM4431 Datasheet HTML 5Page - National Semiconductor (TI) LM4431 Datasheet HTML 6Page - National Semiconductor (TI) LM4431 Datasheet HTML 7Page - National Semiconductor (TI) LM4431 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM4431
Micropower Shunt Voltage Reference
General Description
Ideal for space critical applications, the LM4431 voltage ref-
erence is available in the sub-miniature (3 mm x 1.3 mm)
SOT-23 surface-mount package. The LM4431’s advanced
design eliminates the need for an external stabilizing capaci-
tor while ensuring stability with any capacitive load, thus
making the LM4431 easy to use. The operating current
range is 100 µA to 15 mA.
The LM4431 utilizes fuse and zener-zap reverse breakdown
voltage trim during wafer sort to ensure that the parts have
an accuracy of better than ±2.0% at 25˚C. Bandgap refer-
ence temperature drift curvature correction and low dynamic
impedance ensure stable reverse breakdown voltage accu-
racy over a wide range of operating temperatures and cur-
rents.
Features
n Small package: SOT-23
n No output capacitor required
n Tolerates capacitive loads
n Fixed reverse breakdown voltage of 2.50V
Key Specifications
n Output voltage tolerance 25˚C: ±2.0% (max)
n Low output noise (10 Hz to 10 kHz): 35 µVrms (typ)
n Wide operating current range: 100 µA to 15 mA
n Commercial temperature range: 0˚C to +70˚C
n Low temperature coefficient: 30 ppm/˚C (typ)
Applications
n Portable, Battery-Powered Equipment
n Data Acquisition Systems
n Instrumentation
n Process Control
n Energy Management
n Product Testing
n Power Supplies
Connection Diagram
SOT-23 Package Marking Information
Only three fields of marking are possible on the SOT-23’s small surface. The following table gives the meaning of the three
fields.
Part Marking
Field Definition
S2E
First Field:
S = Reference
Second Field:
2 = 2.500V Voltage Option
Third Field:
E = Initial Reverse Breakdown Voltage Tolerance of ±2.0%
SOT-23
DS011374-1
* This pin must be left floating or connected to pin 2.
Top View
Order Number LM4431M3-2.5
See NS Package Number M03B
(JEDEC Registration TO-236AB)
July 1998
© 1998 National Semiconductor Corporation
DS011374
www.national.com


Similar Part No. - LM4431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4431 TI-LM4431 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
LM4431 TI2-LM4431 Datasheet
523Kb / 16P
LM4431 Micropower Shunt Voltage Reference
REVISED APRIL 2013
LM4431M3-2.5 TI-LM4431M3-2.5 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
LM4431M3-2.5/NOPB TI-LM4431M3-2.5/NOPB Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
LM4431M3-2.5/NOPB TI2-LM4431M3-2.5/NOPB Datasheet
523Kb / 16P
LM4431 Micropower Shunt Voltage Reference
REVISED APRIL 2013
More results

Similar Description - LM4431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS124 ADMOS-AMS124 Datasheet
34Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124_05 Datasheet
79Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com