Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS8607 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MS8607
Description  Digital Pressure and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS8607 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MS8607 Datasheet HTML 1Page - TE Connectivity Ltd MS8607 Datasheet HTML 2Page - TE Connectivity Ltd MS8607 Datasheet HTML 3Page - TE Connectivity Ltd MS8607 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS8607 PERIPHERAL MODULE
Digital Pressure and Humidity Sensor
SENSOR SOLUTIONS /// MS8607 PERIPHERAL MODULE
Page 2
Performance
•
Pressure range: 300 to 1200 mbar
•
0% to 100% relative humidity range
•
-40°C to 125°C temperature range
•
Operates from 1.5V to 3.6V
•
Absolute Pressure accuracy ±2mBar (25°C)
•
Absolute Humidity accuracy ±3%RH (25°C, 20-80%RH)
•
Absolute Temperature accuracy ±1°C (-20
+85°C)
Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com