Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS8607 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # MS8607
Description  Digital Pressure and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS8607 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  MS8607 Datasheet HTML 1Page - TE Connectivity Ltd MS8607 Datasheet HTML 2Page - TE Connectivity Ltd MS8607 Datasheet HTML 3Page - TE Connectivity Ltd MS8607 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MS8607 PERIPHERAL MODULE
Digital Pressure and Humidity Sensor
SENSOR SOLUTIONS /// MS8607 PERIPHERAL MODULE
Page 4
Detailed Description
I
2C Interface
The peripheral module can interface to the host in one of two ways. It can plug directly into a Pmod-compatible port (configured for I
2C)
through connector J1, or in this case, other I
2C boards can attach to the same I2C bus through connector J2.
I
2C Interface (Daisy Chaining Modules)
Alternatively, the peripheral module can connect to other I
2
C-based Pmod modules through the expansion J2 connector. Connector J1
provides connection of the module to the Pmod host. The pin assignments and functions adhere to the Pmod standard as shown in Table 1.
The J2 connector allows the module to be connected through a daisy-chain from another I
2
C module and/or provide I
2
C and power
connections to other I
2
C modules on the same bus. See Table 2.
External Control Signals
The IC operates as an I
2C slave using the standard 2 wire I2C connection scheme. The IC is controlled either by the host (through the Pmod
connector). In cases where one or more of the SCL and SDA signals are driven from an external source, resistors R1, R2 provide pull-up.
However, this also increases the apparent load to the external driving source. If the external source is incapable of driving these loads, they
should be removed.
Reference Material
•
Refer to the
MS8607 data sheet for detailed information regarding operation of the IC: http://www.meas-
spec.com/downloads/xxxxxxxxx.pdf
•
The complete software sensor evaluation kit for ZEDBOARD is available at http://www.meas-spec.com/TBD/xxxxx.zip (MS8607
ZedBoard Driver)
•
The complete software sensor evaluation kit for MICROZED BOARD is available at http://www.meas-spec.com/TBD/xxxxx.zip
(MS8607 MicroZed Board Driver)
•
The Boot.bin file of MicroZed Touch Screen Demo Kit for Digital Component Sensors at http://www.meas-spec.com/TBD/xxxxx.zip
(MicroZed Touch Screen Demo)
Ordering Information
Description
Part Number
MS8607 PERIPHERAL MODULE
DPP901Z000
te.com/en/products/sensors.html
TE Connectivity, TE Connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or
company names referred to herein might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes
only, is believed to be reliable. However, TE Connectivity makes no warranties as to its accuracy or completeness and
disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE
Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any
incidental, indirect or consequential damages arising out of the sale, resale, use or misuse of the product. Users of TE
Connectivity products should make their own evaluation to determine the suitability of each such product for the specific
application.
© 2015
TE Connectivity Ltd. family of companies
All Rights Reserved.
000000XX
03/15
Original
PRODUCT SHEET
Contact us:
Measurement Specialties Inc – MEAS France
Impasse Jeanne Benozzi CS 83 163
31027 Toulouse Cedex 3, FRANCE
Tel:+33 (0)5 820.822.02 Fax:+33 (0)5.820.821.51
Sales: sales.tlse.fr@meas-spec.com
MEAS Website: http://www.meas-spec.com/DCS_TBD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com