Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS8607 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # MS8607
Description  Digital Pressure and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS8607 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  MS8607 Datasheet HTML 1Page - TE Connectivity Ltd MS8607 Datasheet HTML 2Page - TE Connectivity Ltd MS8607 Datasheet HTML 3Page - TE Connectivity Ltd MS8607 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS8607
PERIPHERAL MODULE
Digital Pressure and Humidity Sensor
General Description
The MS8607 peripheral module provides the necessary hardware to interface
the MS8607 digital pressure, relative humidity and temperature sensor to any
system that utilizes Pmod compatible expansion ports configurable for I
2C
communication. The MS8607 sensor is a self-contained pressure, humidity and
temperature sensor that is fully calibrated during manufacture. The sensor can
operate from 1.5V to 3.6V. The MS8607 is ideal for weather station applications
embedded into compact devices and any applications in which pressure,
humidity and temperature monitoring is required.
Specifications
•
Operating pressure range: 300 to 1200 mbar
•
Measures relative humidity from 0% to 100%
•
Measures temperature from -40°C to 125°C
•
Extended pressure range 10 to 2000 mbarr
•
Fast response time
•
I
2C communication
•
Very low power consumption
Features
•
12-pin Pmod compatible connector
•
I
2C interface
•
Secondary 12-pin connector allows daisy chain
•
FPGA fabric available for download
•
C C code available for download
•
Selectable resolution for pressure
•
Selectable resolution for humidity and temperature
•
Electronic ID code stored on chip


Similar Part No. - MS8607

ManufacturerPart #DatasheetDescription
logo
Humirel
MS8607 HUMIREL-MS8607 Datasheet
379Kb / 4P
Digital Pressure and Humidity Sensor
logo
TE Connectivity Ltd
MS8607-02BA01 TEC-MS8607-02BA01 Datasheet
618Kb / 22P
Integrated pressure, humidity and temperature sensor
MS860702BA01-50 TEC-MS860702BA01-50 Datasheet
618Kb / 22P
Integrated pressure, humidity and temperature sensor
MS860702BA01-50 TEC-MS860702BA01-50 Datasheet
2Mb / 5P
RJ45 Connector, Single Port, 1 × 1, Standard Connector Contact Density, Jack, Shielded, Cat 5, Inverted - Latch Up, 8 Position, Standard Profile
12/08/2024 02:32AM
More results

Similar Description - MS8607

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
TE Connectivity Ltd
MS8607-02BA01 TEC-MS8607-02BA01 Datasheet
618Kb / 22P
Integrated pressure, humidity and temperature sensor
logo
Humirel
MS8607 HUMIREL-MS8607 Datasheet
379Kb / 4P
Digital Pressure and Humidity Sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
Digital Humidity and Temperature Sensor
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
Low Power Humidity and Temperature Digital Sensor
logo
Bosch Sensortec GmbH
BME280 BOSCH-BME280 Datasheet
1Mb / 55P
Combined humidity and pressure sensor
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
Digital Temperature and Humidity Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com