Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRZ Datasheet(PDF) 1 Page - TT Electronics.

Part # LRZ
Description  thick film copper technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRZ Datasheet(HTML) 1 Page - TT Electronics.

  LRZ Datasheet HTML 1Page - TT Electronics. LRZ Datasheet HTML 2Page - TT Electronics. LRZ Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
High Current
Jumper Chip
LRZ Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2. 14
· High current zero-Ohm link
· Thick film copper technology
· Current rating to 35A
· Typical resistance 1.5mΩ
· Inductance below 0.2nH
· AEC-Q200 Qualified
· RoHS compliant and SnPb variants
High Current Jumper Chip
LRZ Series
• High current zero-Ohm link
• Thick film copper technology
• Current rating to 35A
• Typical resistance 1.5m
Ω
•
•
Inductance below 0.2nH
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
04.10
A subsidiary of
TT electronics plc
Physical Data
29
s
e
t
o
N
2
1
5
2
0
1
0
2
6
0
2
1
5
0
8
0
e
z
i
S
Current rating @ 70 °C
amps
15
20
30
35
DC or AC rms
2 second overload current @ 25ºC
amps
30
40
60
70
.
p
y
t
5
1
0
0
.
0
.
x
a
m
3
0
0
.
0
s
m
h
o
Residual resistance
Ambient temperature range
°C
-55 to +150
0
0
2
s
tl
o
v
e
g
a
tl
o
v
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Temperature rise at rated current
ºC
30
40
80
90
Pad & trace area for rated current
mm2
40
50
100
300
See Application Notes
Dimensions (mm) & Weight (g)
L
W
T
A
C
Wt
0805
2.0 ± 0.3
1.25 ± 0.2
0.61 ± 0.1
0.3 ± 0.15
0.3 ± 0.1
0.009
1206
3.20 ± 0.31
1.63 ± 0.2
0.61 ± 0.1
0.48 ± 0.25 0.48 ± 0.25
0.020
2010
5.23 ± 0.38 2.64 ± 0.25
0.74 ± 0.1
0.48 ± 0.25 0.48 ± 0.25
0.036
2512
6.5 ± 0.38
3.25 ± 0.25
0.74 ± 0.1
0.48 ± 0.25 0.48 ± 0.25
0.055
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
C
Construction
A thick film copper conductive element and organic
protection are screen printed on a 96% alumina substrate.
Parts supplied under USA part numbering have the conductive
element on the underside whilst those supplied under
European numbering have it on the upper side. These two
formats are functionally identical and interchangeable, and
marking is always on the upper surface.
Terminations
The wrap-around copper terminations have an electroplated
nickel barrier and solderable coating, which ensures excellent
‘leach’ resistance properties and solderability. Chips can
withstand immersion in solder at 260˚C for 30 seconds and
are suitable for reflow or wave soldering processes.
Marking
The body protection is resistant to all normal cleaning solvents
suitable for printed circuits. Chips are marked R000 except for
0805 size which are not marked.
Welwyn Components
i ow| _KèñÇ==OLNSLMR==PWQV=mj ==m~ÖÉ=N
High Current Jumper Chip
LRZ Series
• High current zero-Ohm link
• Thick film copper technology
• Current rating to 35A
• Typical resistance 1.5m
Ω
•
•
Inductance below 0.2nH
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
04.10
A subsidiary of
TT electronics plc
Physical Data
29
s
e
t
o
N
2
1
5
2
0
1
0
2
6
0
2
1
5
0
8
0
e
z
i
S
Current rating @ 70 °C
amps
15
20
30
35
DC or AC rms
2 second overload current @ 25ºC
amps
30
40
60
70
.
p
y
t
5
1
0
0
.
0
.
x
a
m
3
0
0
.
0
s
m
h
o
Residual resistance
Ambient temperature range
°C
-55 to +150
0
0
2
s
tl
o
v
e
g
a
tl
o
v
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Temperature rise at rated current
ºC
30
40
80
90
Pad & trace area for rated current
mm2
40
50
100
300
See Application Notes
Dimensions (mm) & Weight (g)
L
W
T
A
C
Wt
0805
2.0 ± 0.3
1.25 ± 0.2
0.61 ± 0.1
0.3 ± 0.15
0.3 ± 0.1
0.009
1206
3.20 ± 0.31
1.63 ± 0.2
0.61 ± 0.1
0.48 ± 0.25 0.48 ± 0.25
0.020
2010
5.23 ± 0.38 2.64 ± 0.25
0.74 ± 0.1
0.48 ± 0.25 0.48 ± 0.25
0.036
2512
6.5 ± 0.38
3.25 ± 0.25
0.74 ± 0.1
0.48 ± 0.25 0.48 ± 0.25
0.055
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
C
Construction
A thick film copper conductive element and organic
protection are screen printed on a 96% alumina substrate.
Parts supplied under USA part numbering have the conductive
element on the underside whilst those supplied under
European numbering have it on the upper side. These two
formats are functionally identical and interchangeable, and
marking is always on the upper surface.
Terminations
The wrap-around copper terminations have an electroplated
nickel barrier and solderable coating, which ensures excellent
‘leach’ resistance properties and solderability. Chips can
withstand immersion in solder at 260˚C for 30 seconds and
are suitable for reflow or wave soldering processes.
Marking
The body protection is resistant to all normal cleaning solvents
suitable for printed circuits. Chips are marked R000 except for
0805 size which are not marked.
Welwyn Components
i ow| _KèñÇ==OLNSLMR==PWQV=mj ==m~ÖÉ=N
High Current Jumper Chip
LRZ Series
High current zero-Ohm link
Thick film copper technology
Current rating to 35A
Typical resistance 1.5mΩ
Inductance below 0.2nH
AEC-Q200 Qualified
RoHS compliant and SnPb variants
Resistors


Similar Part No. - LRZ

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRZ WELWYN-LRZ Datasheet
272Kb / 3P
High Current Jumper Chip
LRZ1206R000 WELWYN-LRZ1206R000 Datasheet
272Kb / 3P
High Current Jumper Chip
logo
Siemens Semiconductor G...
LRZ180-CO SIEMENS-LRZ180-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LRZ181-CO SIEMENS-LRZ181-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LRZ182-CO SIEMENS-LRZ182-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
More results

Similar Description - LRZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
Power Resistor, Thick Film Technology
14-Jan-05
RTO20 VISHAY-RTO20 Datasheet
97Kb / 4P
Power Resistors Thick Film Technology
05-Jun-07
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
Power Resistor Thick Film Technology
22-Jan-14
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
logo
TT Electronics.
RGT TTELEC-RGT Datasheet
244Kb / 3P
Stable thick-film technology
logo
Vishay Siliconix
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
Power Resistor Thick Film Technology
08-Dec-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com