Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRZ Datasheet(PDF) 3 Page - TT Electronics.

Part # LRZ
Description  thick film copper technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRZ Datasheet(HTML) 3 Page - TT Electronics.

  LRZ Datasheet HTML 1Page - TT Electronics. LRZ Datasheet HTML 2Page - TT Electronics. LRZ Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Make Possible
High Current
Jumper Chip
LRZ Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2. 14
High Current Jumper Chip
LRZ Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
Packaging
LRZ jumper chips are supplied taped and reeled as per IEC 286-3.
Welwyn Components
i ow| _KèñÇ==OLNSLMR==PWQV=mj ==m~ÖÉ=P
Application Notes
Conventional thick film “zero-Ohm” jumper chips typically
have up to 50m resistance values and 1 to 2A current
ratings. LRZ jumper chips offer a solution for currents over an
order of magnitude greater by combining lower resistance
values with better thermal conductivity.
Care should be taken when designing the associated printed
circuit board tracks to ensure that they can carry the required
current without excessive heating, for example by using
multiple layers thermally linked with many vias. Any
temperature rise caused by power dissipated in the PCB tracks
themselves should be allowed for when calculating the
ambient temperature in order to determine whether power
de-rating should be applied. The minimum recommended pad
and trace areas close to the resistor stated under Electrical
Data should be provided at each terminal. For multi-layer
PCB’s, this minimum area requirement should be met by
surface layers rather than buried layers. The actual solder pad
area follows the normal design rules for chip resistors.
LRZ jumper chips themselves can operate at a maximum
temperature of 150˚C (see performance above). For
conventionally soldered jumper chips, the joint temperature
should not exceed 110˚C. This condition is met when the
stated current levels at 70˚C are used.
Ordering Procedure
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: LRZ1206-R000 (1206, Pb-free)
L R Z
1
2
0
6
-
R
0
0
0
1
2
3
4
USA (IRC) Part Number: LRC-LRZ1206LF-R000 (1206, Pb-free)
L R C
-
L R Z
1
2
0
6
L
F
-
R 0
0
0
1
2
3
4
5
Note 1: Size 0805 is only available under European part numbering.
1
2
3
6
Type Size Value
Termination & Packing
LRZ 0805 R000
Omit for Pb-free, standard packing
1206
PB = SnPb finish, standard packing
2010
Standard packing is tape & reel
2512
0805, 1206 & 2010
3000/reel
2512
1800/reel
1
2
3
4
5
Family Model Size1 Termination Value
Packing
LRC
LRZ
1206 Omit for SnPb R000 Standard packing is tape & reel
2010 LF = Pb-free
1206 & 2010
3000/reel
2512
2512
1800/reel
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: LRZ1206-R000 (1206, Pb-free)
L R Z
1
2
0
6
-
R
0
0
0
1
2
3
4
USA (IRC) Part Number: LRC-LRZ1206LF-R000 (1206, Pb-free)
L R C
-
L R Z
1
2
0
6
L
F
-
R 0
0
0
1
2
3
4
5
Note 1: Size 0805 is only available under European part numbering.
1
2
3
6
Type Size Value
Termination & Packing
LRZ 0805 R000
Omit for Pb-free, standard packing
1206
PB = SnPb finish, standard packing
2010
Standard packing is tape & reel
2512
0805, 1206 & 2010
3000/reel
2512
1800/reel
1
2
3
4
5
Family Model Size1 Termination Value
Packing
LRC
LRZ
1206 Omit for SnPb R000 Standard packing is tape & reel
2010 LF = Pb-free
1206 & 2010
3000/reel
2512
2512
1800/reel
High Current
Jumper Chip
LRZ Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com