Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRZ Datasheet(PDF) 2 Page - TT Electronics.

Part # LRZ
Description  thick film copper technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRZ Datasheet(HTML) 2 Page - TT Electronics.

  LRZ Datasheet HTML 1Page - TT Electronics. LRZ Datasheet HTML 2Page - TT Electronics. LRZ Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Make Possible
High Current
Jumper Chip
LRZ Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2. 14
High Current Jumper Chip
LRZ Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
100%
80%
120%
60%
40%
20%
0%
0
50
100
150
Derating Characteristic
Ambient Temperature (˚C)
1000
10
0.1
1
10
100
1000
Pulse Duration (ms)
100
Continuous Pulse Performance
LRZ1206
LRZ2010
LRZ2512
Temperature Derating
Pulse Performance
Welwyn Components
Notes:
R measurements are not applicable to the zero-ohm version.
2. Although 2010 and 2512 sizes have passed temperature cycling and thermal shock, it is in general not recommended that ceramic chips this large
be used on FR4 in a severe temperature cycle environment due to the possibility of solder joint fatigue.
AEC-Q200 Table 7
Method
Result
ref
Test
3
High Temp. Exposure
MIL-STD-202 Method 108
Pass (see note 1)
4
Temperature Cycling
JESD22 Method JA-104
Pass (see note 1)
6
Moisture Resistance
MIL-STD-202 Method 106
Pass (see note 1)
7
Biased Humidity
MIL-STD-202 Method 103
Pass (see note 1)
8
Operational Life (Cyclic Load)
MIL-STD-202 Method 108
Pass (see note 1)
14
Vibration
MIL-STD-202 Method 204
Pass (see note 1)
15
Resistance to Soldering Heat
MIL-STD-202 Method 210
Pass (see note 1)
16
Thermal Shock
MIL-STD-202 Method 107
Pass (see note 1)
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
Pass (see note 1)
22
Terminal Strength
AEC-Q200-006
Pass (see note 1)
Leach Resistance
Solder dip at 250°C
90s minimum
Full AEC-Q200 qualication applies to sizes 1206, 2010 and 2512 in European coding only.
High Current
Jumper Chip
LRZ Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com