Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2S Datasheet(PDF) 1 Page - TT Electronics.

Part # MF2S
Description  Flameproof protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MF2S Datasheet(HTML) 1 Page - TT Electronics.

  MF2S Datasheet HTML 1Page - TT Electronics. MF2S Datasheet HTML 2Page - TT Electronics. MF2S Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Film Resistors
MF-S Series
Smallsizeforpowerrating
Rangeof4sizes:0.5wattto3wattat70°C
Flameproofprotection
Power Metal
Film Resistors
MF-S Series
Small size for power rating
Range of 4 sizes: 0.5 watt to 3 watt at 70˚C
Flameproof protection
MF1/2S
MF1S
MF2S
MF3S
Standard values
Power rating at 70° C
watts
0.5
1.0
2.0
3.0
0R1 – 1M
500
140
110
80
60
-55 to 155
700
350
< 10 :350
10 :150
E24 preferred
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 01.06
A subsidiary of
TT electronics plc
Welwyn Components
147
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Mx
D Max
f min
d nom
centres
radius
Wt.nom
MF1/2S
21.0
0.6
1.02
0.6
0.3
MF1S
19.6
0.8
12.7
1.2
0.5
MF2S
17.8
0.8
18.4
1.2
0.9
MF3S
23.8
0.8
20.3
1.2
1.1
Physical Data
L
D
f
d
10.2
03.08
Resistance range
ohms
Limiting element voltage
volts
TCR
ppm/° C
Isolation voltage
volts
Resistance tolerance
%
Thermal impedance
° C/watt
Ambient temperature range
° C
<
1 : 5
<
>1 : 1, 2, 5
6.2
+0 -0.5
2.5
+0 -0.25
9.0
+0 -0.6
3.6
+0.5 -0
12.5
+0 -2.1
4.2
+0.8 -0
14.5
+0.6 -0
5.3
+0 -0.4
d
+0.01 -0.06
L
D
Power Metal
Film Resistors
MF-S Series
Small size for power rating
Range of 4 sizes: 0.5 watt to 3 watt at 70˚C
Flameproof protection
MF1/2S
MF1S
MF2S
MF3S
Standard values
Power rating at 70° C
watts
0.5
1.0
2.0
3.0
0R1 – 1M
500
140
110
80
60
-55 to 155
700
350
< 10 :350
10 :150
E24 preferred
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 01.06
A subsidiary of
TT electronics plc
Welwyn Components
147
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Mx
D Max
f min
d nom
centres
radius
Wt.nom
MF1/2S
21.0
0.6
1.02
0.6
0.3
MF1S
19.6
0.8
12.7
1.2
0.5
MF2S
17.8
0.8
18.4
1.2
0.9
MF3S
23.8
0.8
20.3
1.2
1.1
Physical Data
L
D
f
d
10.2
03.08
Resistance range
ohms
Limiting element voltage
volts
TCR
ppm/° C
Isolation voltage
volts
Resistance tolerance
%
Thermal impedance
° C/watt
Ambient temperature range
° C
<
1 : 5
<
>1 : 1, 2, 5
6.2
+0 -0.5
2.5
+0 -0.25
9.0
+0 -0.6
3.6
+0.5 -0
12.5
+0 -2.1
4.2
+0.8 -0
14.5
+0.6 -0
5.3
+0 -0.4
d
+0.01 -0.06
L
D
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - MF2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MF2S GOOD-ARK-MF2S Datasheet
136Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Welwyn Components Limit...
MF2S WELWYN-MF2S Datasheet
67Kb / 2P
Power Metal Film Resistors
logo
First Silicon Co., Ltd
MF2S FS-MF2S Datasheet
204Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Ralston Instruments.
MF2S-QM-QM-PL RALSTON-MF2S-QM-QM-PL Datasheet
524Kb / 1P
2 port manifold with Quick-test connections, 5000 psi/350 bar
MF2S-XF-XM-PL RALSTON-MF2S-XF-XM-PL Datasheet
581Kb / 1P
2 port Benchtop Manifold with Quick-test XT connections
More results

Similar Description - MF2S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
Flameproof Power Oxide Resistors
logo
Welwyn Components Limit...
WMO-S WELWYN-WMO-S Datasheet
453Kb / 3P
FLAMEPROOF METAL OXIDE RESISTORS
logo
Willow Technologies Ltd
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
FLAMEPROOF WIREWOUND RESISTORS
logo
Welwyn Components Limit...
WMO1S WELWYN-WMO1S Datasheet
459Kb / 3P
Flameproof Metal Oxide Resistors
logo
Ohmite Mfg. Co.
RES-METALOHM OHMITE-RES-METALOHM Datasheet
278Kb / 2P
Flameproof and inorganic
logo
TT Electronics.
MO-S TTELEC-MO-S Datasheet
230Kb / 2P
Flameproof protection
PWHW TTELEC-PWHW Datasheet
353Kb / 2P
Flameproof package
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
RSPF SEI-RSPF Datasheet
365Kb / 6P
Flameproof Power Resistor
10/22/2020
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
Fusible Flameproof Resistors
01-MAR-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com