Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2S Datasheet(PDF) 2 Page - TT Electronics.

Part # MF2S
Description  Flameproof protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MF2S Datasheet(HTML) 2 Page - TT Electronics.

  MF2S Datasheet HTML 1Page - TT Electronics. MF2S Datasheet HTML 2Page - TT Electronics. MF2S Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Metal
Film Resistors
MF-S Series
Flameproof Power
Metal Film Resistors
MF-S Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 01.06
Welwyn Components
148
Application Notes
1. If the resistors are to dissipate full rate power, it is
recommended that the terminations should not be
soldered closer than 4mm from the body.
2. Due to operating temperature limitations imposed by some
pcb materials, derating may be necessary. An estimate of
the temperature rise to be expected can be calculated
using the thermal impedance figures given under Electrical
Data.
3. Lead Formed resistors can also be supplied. Standard
options of Lancet, Radial and Goalpost forming are shown
in lead Form Information section.
b
f1
f2
6
6
c
Body location f 1 – f 2 1.4 mm
Figure 1
Packaging
The preferred method of packaging is taped and ammo
packed, see figure 1 for critical dimensions.
Alternative packaging is available by special request.
Marking
MF Series resistors are colour coded with 5 bands for 1%
tolerance or 4 bands for other tolerances. IEC 62 colours
are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistors will not burn or emit incandescent particles
under any condition of applied temperature or power
overload.
Construction
The resistance element is a precisely controlled thin film of
metal alloy on a high purity ceramic core, protected by a
cement coating applied so that terminations remain
completely clear.
This permits a well defined body length, (clean lead to clean
lead dimension L).
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Maximum
Load: 1000 hours at 70˚C
5
%
R
Shelf life: 12 months at room temperature
1
%
R
Derating from rated power at 70˚C
C
˚
5
5
1
t
a
o
r
e
z
%
R
Climatic
1
%
R
Climatic category
40/125/56
Temperature rapid change
5
.
0
%
R
Resistance to solder heat
5
.
0
%
R
Performance Data
03.08
c
b
e
p
y
T
MF1/2S
52 2
5 0.5
5 0.5
5 0.5
10 0.5
52 2
52 2
67 2
MF1S
MF2S
MF3S
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com