Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2S Datasheet(PDF) 3 Page - TT Electronics.

Part # MF2S
Description  Flameproof protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MF2S Datasheet(HTML) 3 Page - TT Electronics.

  MF2S Datasheet HTML 1Page - TT Electronics. MF2S Datasheet HTML 2Page - TT Electronics. MF2S Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Flameproof Power
Metal Film Resistors
MF-S Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 01.06
Welwyn Components
148
03.08
Ordering Procedure
Example: MF3S at 3.3 kilohms and 5% tolerance in ammo pack box of 1000 pieces –
M F 3 S – 3 K 3 J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
G 2%
Packing
I
Ammo
MF1/2S
5000/box
Standard
MF1S
2500/box
MF2S
1500/box
MF3S
1000/box
Power Metal
Film Resistors
MF-S Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com