Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAS Datasheet(PDF) 1 Page - TT Electronics.

Part # NAS
Description  Pb-free option is RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

NAS Datasheet(HTML) 1 Page - TT Electronics.

  NAS Datasheet HTML 1Page - TT Electronics. NAS Datasheet HTML 2Page - TT Electronics. NAS Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semi-Precision Power
Wirewound Resistor
(N)AS Series
0.25to10watts
Tolerance down to ±0.5%
0.1ohmto175Kohms
ResistancewireTCR±20ppm/°C
Noninductive(NAS)option
Pb-freeoptionisRoHScompliant
1R0-1K0
1R0-6K0
1R0-7K5
1R0-2K0
1R0-20K
1R0-24K
1R0-18K
1R0-30K
1R0-60K
1R0-90K
1R0-175K
Semi-Precision Power
Wirewound Resistor
AS Series
• 0.25 to 10 watts
• Tolerance down to ±0.5%
• 0.1 ohm to 175K ohms
• Resistance wire TCR ±20 ppm/°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
91
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions Inches (mm)
Type
(N)AS-1/4
(N)AS-1/2
(N)AS-1
(N)AS-1C
(N)AS-2
(N)AS-2B
(N)AS-2C
(N)AS-3
(N)AS-5
(N)AS-7
(N)AS-10
Physical Data
A
E
D
C
B
Electrical Data
Equivalent
Power Rating
Commercial Range
Non-Inductive Range
Available Resistance
MIL-R-26
(watts)
(ohms)
(ohms)
(ohms)
Type
Style
125°C
25°C
Min.
Max.
Min.
Max.
0.5%, 1%
3%, 5%
(N)AS-1/4
(N)AS-1/2
(N)AS-1
(N)AS-1C
(N)AS-2
(N)AS-2B
(N)AS-2C
(N)AS-3
(N)AS-5
(N)AS-7
(N)AS-10
RW81
RW70U
RW79U
RW74U
RW78U
0.25
0.5
1
1
2
3
2
3
5
7
10
A ±0.032 (0.81)
0.250(6.4)
0.312(7.9)
0.367(9.3)
0.256(6.5)
0.480(12.2)
0.540(13.7)
0.489(11.0)
0.687(17.5)
0.875(22.2)
1.250(31.8)
1.812(46.0)
B (max)
0.094 (2.4)
0.094 (2.4)
0.125 (3.2)
0.115 (2.9)
0.250 (6.3)
0.219 (5.6)
0.157 (4.0)
0.282 (7.2)
0.344 (8.8)
0.344 (8.8)
0.385 (9.8)
C (max)
0.312 (7.9)
0.375 (9.5)
0.429 (10.9)
0.303 (7.7)
0.600 (15.2)
0.663 (16.6)
0.594 (15.1)
0.812 (20.6)
0.980 (24.9)
1.375 (35.0)
1.937 (49.2)
D (nom)
0.020 (0.5)
0.020 (0.5)
0.020 (0.5)
0.025 (0.64)
0.032 (0.8)
0.032 (0.8)
0.032 (0.8)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
E (min)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.30 (33.0)
1.30 (33.0)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
0R1
0R1
0R1
R05
0R1
0R1
0R1
0R1
0R1
0R1
0R1
1
1
2
2
3
4
3
5
7
9
14
1K0
6K0
7K5
2K0
20K
24K
18K
30K
60K
90K
175K
0R2
0R5
0R2
10R
R25
0R1
0R2
0R1
0R1
0R2
0R2
60R
60R
3K8
1K0
10K
12K
7K5
15K
30K
45K
50K
0R1-1K0
0R1-6K0
0R1-7K5
R05-2K0
0R1-20K
0R1-24K
0R1-18K
0R1-30K
0R1-60K
0R1-90K
0R1-175K
1R0-1K0
1R0-6K0
1R0-7K5
1R0-2K0
1R0-20K
1R0-24K
1R0-18K
1R0-30K
1R0-60K
1R0-90K
1R0-175K
Semi-Precision Power
Wirewound Resistor
AS Series
• 0.25 to 10 watts
• Tolerance down to ±0.5%
• 0.1 ohm to 175K ohms
• Resistance wire TCR ±20 ppm/°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
91
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions Inches (mm)
Type
(N)AS-1/4
(N)AS-1/2
(N)AS-1
(N)AS-1C
(N)AS-2
(N)AS-2B
(N)AS-2C
(N)AS-3
(N)AS-5
(N)AS-7
(N)AS-10
Physical Data
A
E
D
C
B
Electrical Data
Equivalent
Power Rating
Commercial Range
Non-Inductive Range
Available Resistance
MIL-R-26
(watts)
(ohms)
(ohms)
(ohms)
Type
Style
125°C
25°C
Min.
Max.
Min.
Max.
0.5%, 1%
3%, 5%
(N)AS-1/4
(N)AS-1/2
(N)AS-1
(N)AS-1C
(N)AS-2
(N)AS-2B
(N)AS-2C
(N)AS-3
(N)AS-5
(N)AS-7
(N)AS-10
RW81
RW70U
RW79U
RW74U
RW78U
0.25
0.5
1
1
2
3
2
3
5
7
10
A ±0.032 (0.81)
0.250(6.4)
0.312(7.9)
0.367(9.3)
0.256(6.5)
0.480(12.2)
0.540(13.7)
0.489(11.0)
0.687(17.5)
0.875(22.2)
1.250(31.8)
1.812(46.0)
B (max)
0.094 (2.4)
0.094 (2.4)
0.125 (3.2)
0.115 (2.9)
0.250 (6.3)
0.219 (5.6)
0.157 (4.0)
0.282 (7.2)
0.344 (8.8)
0.344 (8.8)
0.385 (9.8)
C (max)
0.312 (7.9)
0.375 (9.5)
0.429 (10.9)
0.303 (7.7)
0.600 (15.2)
0.663 (16.6)
0.594 (15.1)
0.812 (20.6)
0.980 (24.9)
1.375 (35.0)
1.937 (49.2)
D (nom)
0.020 (0.5)
0.020 (0.5)
0.020 (0.5)
0.025 (0.64)
0.032 (0.8)
0.032 (0.8)
0.032 (0.8)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
E (min)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.30 (33.0)
1.30 (33.0)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
0R1
0R1
0R1
R05
0R1
0R1
0R1
0R1
0R1
0R1
0R1
1
1
2
2
3
4
3
5
7
9
14
1K0
6K0
7K5
2K0
20K
24K
18K
30K
60K
90K
175K
0R2
0R5
0R2
10R
R25
0R1
0R2
0R1
0R1
0R2
0R2
60R
60R
3K8
1K0
10K
12K
7K5
15K
30K
45K
50K
0R1-1K0
0R1-6K0
0R1-7K5
R05-2K0
0R1-20K
0R1-24K
0R1-18K
0R1-30K
0R1-60K
0R1-90K
0R1-175K
1R0-1K0
1R0-6K0
1R0-7K5
1R0-2K0
1R0-20K
1R0-24K
1R0-18K
1R0-30K
1R0-60K
1R0-90K
1R0-175K
Semi-Precision Power
Wirewound Resistor
AS Series
• 0.25 to 10 watts
• Tolerance down to ±0.5%
• 0.1 ohm to 175K ohms
• Resistance wire TCR ±20 ppm/°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
91
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions Inches (mm)
Type
(N)AS-1/4
(N)AS-1/2
(N)AS-1
(N)AS-1C
(N)AS-2
(N)AS-2B
(N)AS-2C
(N)AS-3
(N)AS-5
(N)AS-7
(N)AS-10
Physical Data
A
E
D
C
B
Electrical Data
Equivalent
Power Rating
Commercial Range
Non-Inductive Range
Available Resistance
MIL-R-26
(watts)
(ohms)
(ohms)
(ohms)
Type
Style
125°C
25°C
Min.
Max.
Min.
Max.
0.5%, 1%
3%, 5%
(N)AS-1/4
(N)AS-1/2
(N)AS-1
(N)AS-1C
(N)AS-2
(N)AS-2B
(N)AS-2C
(N)AS-3
(N)AS-5
(N)AS-7
(N)AS-10
RW81
RW70U
RW79U
RW74U
RW78U
0.25
0.5
1
1
2
3
2
3
5
7
10
A ±0.032 (0.81)
0.250(6.4)
0.312(7.9)
0.367(9.3)
0.256(6.5)
0.480(12.2)
0.540(13.7)
0.489(11.0)
0.687(17.5)
0.875(22.2)
1.250(31.8)
1.812(46.0)
B (max)
0.094 (2.4)
0.094 (2.4)
0.125 (3.2)
0.115 (2.9)
0.250 (6.3)
0.219 (5.6)
0.157 (4.0)
0.282 (7.2)
0.344 (8.8)
0.344 (8.8)
0.385 (9.8)
C (max)
0.312 (7.9)
0.375 (9.5)
0.429 (10.9)
0.303 (7.7)
0.600 (15.2)
0.663 (16.6)
0.594 (15.1)
0.812 (20.6)
0.980 (24.9)
1.375 (35.0)
1.937 (49.2)
D (nom)
0.020 (0.5)
0.020 (0.5)
0.020 (0.5)
0.025 (0.64)
0.032 (0.8)
0.032 (0.8)
0.032 (0.8)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
E (min)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.30 (33.0)
1.30 (33.0)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
1.50 (38.1)
0R1
0R1
0R1
R05
0R1
0R1
0R1
0R1
0R1
0R1
0R1
1
1
2
2
3
4
3
5
7
9
14
1K0
6K0
7K5
2K0
20K
24K
18K
30K
60K
90K
175K
0R2
0R5
0R2
10R
R25
0R1
0R2
0R1
0R1
0R2
0R2
60R
60R
3K8
1K0
10K
12K
7K5
15K
30K
45K
50K
0R1-1K0
0R1-6K0
0R1-7K5
R05-2K0
0R1-20K
0R1-24K
0R1-18K
0R1-30K
0R1-60K
0R1-90K
0R1-175K
Make Possible
Resistors
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - NAS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
NAS-1/2-3A-ISO FESTO-NAS-1/2-3A-ISO Datasheet
104Kb / 1P
Individual subbase
NAS-1/2-NPT-3A FESTO-NAS-1/2-NPT-3A Datasheet
104Kb / 1P
Individual subbase
NAS-1/4-1A-ISO FESTO-NAS-1/4-1A-ISO Datasheet
102Kb / 1P
Individual subbase
NAS-1/4-NPT-1A FESTO-NAS-1/4-NPT-1A Datasheet
85Kb / 1P
Individual subbase
NAS-3/4-4A-ISO FESTO-NAS-3/4-4A-ISO Datasheet
103Kb / 1P
Individual subbase
More results

Similar Description - NAS

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
Pb free and RoHS compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
Pb Free/RoHS Compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
RoHS Compliant and Pb free
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
Pb-free/RoHS-compliant
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
RoHS compliant and Pb free
10.30.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com