Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAS Datasheet(PDF) 2 Page - TT Electronics.

Part # NAS
Description  Pb-free option is RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

NAS Datasheet(HTML) 2 Page - TT Electronics.

  NAS Datasheet HTML 1Page - TT Electronics. NAS Datasheet HTML 2Page - TT Electronics. NAS Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semi-Precision Power
Wirewound Resistor
(N)AS Series
Semi-Precision Power
Wirewound Resistor
AS Series
© Welwyn Components Limited
Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
92
Issue D · 03.06
Welwyn Components
Power Derating
Temperature Rise @ 25°C
Selected Pulse-Handling Capability @ 125°C
Temperature Rise @ 125°C
200
175
150
125
100
75
0
Ambient Temperature (C)
AS-1/4, 1/2, 1, 1C
AS-3, 2
AS-2C
AS-5, 10
AS-2B
AS-7
25
75
125
175
225
275
275
250
200
150
100
50
25
Percent of 25C Power Rating
AS-1/4
AS-7, 10
AS-1/2
AS-2C
AS-3, AS-5
AS-2B
AS-1C
0
40
80
120
160
200
AS-1,2
275
250
200
150
125
Percent of 125 °C Power Rating
AS-1,2
AS-7, 10
AS-1/2
AS-1/4
AS-2C
AS-3, AS-5
AS-2B
AS-1C
0
40
80
120
160
200
14
12
10
8
6
4
2
0
Resistance (ohms)
AS-3
AS-2B
AS-2
AS-2C
AS-1
AS-1/2
AS-1/4
0.1
0.2
0.5
1
2
5
10
Test Condition
Max ∆R
Load Life 1000 hours
1.0%
Moisture Resistance
1.0%
Temperature Cycle
0.5%
Short Time Overload
0.5%
Low Temperature Operation
0.5%
Solder Heat
0.25%
Shock
0.5%
Vibration
0.5%
Environmental Testing at 25°C
Semi-Precision Power
Wirewound Resistor
AS Series
© Welwyn Components Limited
Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
92
Issue D · 03.06
Welwyn Components
Power Derating
Temperature Rise @ 25°C
Selected Pulse-Handling Capability @ 125°C
Temperature Rise @ 125°C
200
175
150
125
100
75
0
Ambient Temperature (C)
AS-1/4, 1/2, 1, 1C
AS-3, 2
AS-2C
AS-5, 10
AS-2B
AS-7
25
75
125
175
225
275
275
250
200
150
100
50
25
Percent of 25C Power Rating
AS-1/4
AS-7, 10
AS-1/2
AS-2C
AS-3, AS-5
AS-2B
AS-1C
0
40
80
120
160
200
AS-1,2
275
250
200
150
125
Percent of 125 °C Power Rating
AS-1,2
AS-7, 10
AS-1/2
AS-1/4
AS-2C
AS-3, AS-5
AS-2B
AS-1C
0
40
80
120
160
200
14
12
10
8
6
4
2
0
Resistance (ohms)
AS-3
AS-2B
AS-2
AS-2C
AS-1
AS-1/2
AS-1/4
0.1
0.2
0.5
1
2
5
10
Test Condition
Max ∆R
Load Life 1000 hours
1.0%
Moisture Resistance
1.0%
Temperature Cycle
0.5%
Short Time Overload
0.5%
Low Temperature Operation
0.5%
Solder Heat
0.25%
Shock
0.5%
Vibration
0.5%
Environmental Testing at 25°C
EnvironmentalTesting
PerformanceData
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com