Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAS Datasheet(PDF) 3 Page - TT Electronics.

Part # NAS
Description  Pb-free option is RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

NAS Datasheet(HTML) 3 Page - TT Electronics.

  NAS Datasheet HTML 1Page - TT Electronics. NAS Datasheet HTML 2Page - TT Electronics. NAS Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semi-Precision Power
Wirewound Resistor
(N)AS Series
OrderingProcedure
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: AS3-27KFI (AS3, 27 kilohms ±1%, Pb-free)
A S
3
-
2
7
K F
I
1
2
3
4
5
USA (IRC) Part Number: AS32702FLF (AS3, 27 kilohms ±1%, Pb-free)
A S
3
2
7
0
2
F
L F
1
2
3
4
5
1
2
3
4
5
Winding
Type
Value
Tolerance
Termination & Packing
Omit for
standard
E24 = 3/4
characters
R = ohms
K = kilohms
D = ±0.5%
I = Pb-free, Standard packing bulk*
F = ±1%
1000/box
N = non-
inductive
H = ±3%
J = ±5%
AS7, 10
1
2
3
4
5
Winding
Type
Value
Tolerance
Termination & Packing
Omit for
standard
3 digits +
multiplier
D = ±0.5%
F = ±1%
N = non-
inductive
R = ohms for
values <100
ohms
H = ±3%
J = ±5%
AS1/4, 1/2, 1, 1C, 2,
2B, 2C, 3, 5
500/box
AS1/4, AS1/2
AS1, AS1C
AS2, AS2B
AS2C, AS3
AS5, AS7, AS10
AS1/4, AS1/2
AS1, AS1C
AS2, AS2B
AS2C, AS3
AS5, AS7, AS10
* Tape and reel available on request
* Tape and reel available on request
LF=Pb-free, Omit for SnPb
Standard packing bulk*
AS1/4, 1/2, 1, 1C, 2, 2B
2C, 3, 5
AS7, 10
500/box
1000/box
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com