Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA Datasheet(PDF) 2 Page - TT Electronics.

Part # PCA
Description  Four elements in 1206 footprint
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCA Datasheet(HTML) 2 Page - TT Electronics.

  PCA Datasheet HTML 1Page - TT Electronics. PCA Datasheet HTML 2Page - TT Electronics. PCA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Chip Array
PCA Series
PerformanceData
Tolerance&TCRAvailability
EquivalentCircuitDiagram
RecommendedLandPattern
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn
Test
Method
±ΔR%
Typical
Maximum
Load life
1000 hours rated power @ 70°C
0.05
0.15
Humidity
1000 hours @40°C, 90-95% RH
0.05
0.25
Short term overload
Lesser of 6.25 x rated power & max. overload voltage for 5 secs
0.01
0.1
Temperature cycle
100 cycles-55°C to +150°C
0.05
0.25
Dry heat
1000 hours @ 125°C
0.10
0.25
Resistance to solder heat
260 ±5°C for 10secs
0.02
0.2
Solderability
245 ±5°C for 3secs
95% min. coverage
Tolerance Availability
TCR Availability
Absolute Tol.
Matching Tol.
Resistance Range
Absolute TCR
Tracking TCR
Resistance Range
±0.1%
Unspecified
24R9- 100K
±10ppm/°C
Unspecified
24R9- 2K0
±0.1%
±15ppm/°C
±0.25%
Unspecified
±15ppm/°C
Unspecified
±0.25%
±15ppm/°C
±0.1%
±25ppm/°C
Unspecified
24R9- 100K
±0.5%
Unspecified
±25ppm/°C
±0.5%
±15ppm/°C
±0.25%
±50ppm/°C
Unspecified
±1%
Unspecified
±50ppm/°C
±0.5%
±25ppm/°C
Dimensions mm
A
B
C
I
P
PCA164
3.10 2.85 0.45 0.80 0.80
Precision Chip Array
Power Resistors
PCA Series
www.ttelectronicsresistors.com
Performance Data
Test
Method
±ΔR%
Typical Maximum
Load life
1000 hours rated power @ 70°C
0.05
0.15
Humidity
1000 hours @40°C, 90-95% RH
0.05
0.25
Short term overload
Lesser of 6.25 x rated power & max. overload voltage for 5 secs
0.01
0.1
Temperature cycle
100 cycles -55°C to +150°C
0.05
0.25
Dry heat
1000 hours @ 125°C
0.10
0.25
Resistance to solder heat 260 ±5°C for 10secs
0.02
0.2
Solderability
245 ±5°C for 3secs
95% min. coverage
Tolerance & TCR Availability
Equivalent Circuit Diagram
Tolerance Availability
TCR Availability
Absolute Tol.
Matching Tol.
Resistance Range
Absolute TCR
Tracking TCR
Resistance Range
±0.1%
Unspecified
24R9 - 100K
±10ppm/°C
Unspecified
24R9 - 2K0
±0.1%
±15ppm/°C
±0.25%
Unspecified
±15ppm/°C
Unspecified
±0.25%
±15ppm/°C
±0.1%
±25ppm/°C
Unspecified
24R9 - 100K
±0.5%
Unspecified
±25ppm/°C
±0.5%
±15ppm/°C
±0.25%
±50ppm/°C
Unspecified
±1%
Unspecified
±50ppm/°C
±0.5%
±25ppm/°C
Recommended Land Pattern
Dimensions mm
A
B
C
I
P
PCA164
3.10
2.85
0.45
0.80
0.80
Precision Chip Array
Power Resistors
PCA Series
www.ttelectronicsresistors.com
Performance Data
Test
Method
±ΔR%
Typical Maximum
Load life
1000 hours rated power @ 70°C
0.05
0.15
Humidity
1000 hours @40°C, 90-95% RH
0.05
0.25
Short term overload
Lesser of 6.25 x rated power & max. overload voltage for 5 secs
0.01
0.1
Temperature cycle
100 cycles -55°C to +150°C
0.05
0.25
Dry heat
1000 hours @ 125°C
0.10
0.25
Resistance to solder heat 260 ±5°C for 10secs
0.02
0.2
Solderability
245 ±5°C for 3secs
95% min. coverage
Tolerance & TCR Availability
Equivalent Circuit Diagram
Tolerance Availability
TCR Availability
Absolute Tol.
Matching Tol.
Resistance Range
Absolute TCR
Tracking TCR
Resistance Range
±0.1%
Unspecified
24R9 - 100K
±10ppm/°C
Unspecified
24R9 - 2K0
±0.1%
±15ppm/°C
±0.25%
Unspecified
±15ppm/°C
Unspecified
±0.25%
±15ppm/°C
±0.1%
±25ppm/°C
Unspecified
24R9 - 100K
±0.5%
Unspecified
±25ppm/°C
±0.5%
±15ppm/°C
±0.25%
±50ppm/°C
Unspecified
±1%
Unspecified
±50ppm/°C
±0.5%
±25ppm/°C
Recommended Land Pattern
Dimensions mm
A
B
C
I
P
PCA164
3.10
2.85
0.45
0.80
0.80



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com