Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA Datasheet(PDF) 3 Page - TT Electronics.

Part # PCA
Description  Four elements in 1206 footprint
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCA Datasheet(HTML) 3 Page - TT Electronics.

  PCA Datasheet HTML 1Page - TT Electronics. PCA Datasheet HTML 2Page - TT Electronics. PCA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packaging
PCA164ispackedin8mmpapertapeona7inchreelof5000pieces.
OrderingProcedure
Example:PCA164CD-4K75CBT5(PCA164withTCRof50ppm/°Cabsoluteand25ppm/°Ctracking,4.75
kilohms,toleranceof0.25%absoluteand0.1%ratio,5000reel,Pb-free)
Note1–Optionalcharacters.SeeToleranceandTCRAvailabilitytableforvalidcombinations.
Precision Chip Array
PCA Series
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn
Dimensions mm
A
B
W
E
F
P0
P1
P2
ØD0
T
PCA164
1.95
±0.1
3.50
±0.1
8.0
±0.2
1.75
±0.1
3.5
±0.05
4.0
±0.1
4.0
±0.05
2.0
±0.05
1.55
±0.05
0.85
±0.1
Precision Chip Array
Power Resistors
PCA Series
www.ttelectronicsresistors.com
Ordering Procedure
Example: PCA164CD-4K75CBT5 (PCA164 with TCR of 50ppm/°C absolute and 25ppm/°C tracking, 4.75 kilohms,
tolerance of 0.25% absolute and 0.1% ratio, 5000 reel, Pb-free)
P
C
A
1
6
4
C
D
-
4
K
7
5
C
B
T
5
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Type
Absolute TCR
Tracking TCR1
Value
Absolute
Tolerance
Ratio
Tolerance1
Packing
PCA164
T = ±10ppm/°C
Y = ±15ppm/°C
3/4 characters
R = ohms
K = kilohms
B = ±0.1%
B = ±0.1%
T5 = 5000/reel
Y = ±15ppm/°C
D = ±25ppm/°C
C = ±0.25%
C = ±0.25%
D = ±25ppm/°C
C = ±50ppm/°C
D = ±0.5%
D = ±0.5%
C = ±50ppm/°C
F = ±1%
Note 1 – Optional characters. See Tolerance and TCR Availability table for valid combinations.
Packaging
PCA164 is packed in 8mm paper tape on a 7 inch reel of 5000 pieces.
Dimensions mm
A
B
W
E
F
P0
P1
P2
ØD0
T
PCA164
1.95
±0.1
3.50
±0.1
8.0
±0.2
1.75
±0.1
3.5
±0.05
4.0
±0.1
4.0
±0.05
2.0
±0.05
1.55
±0.05
0.85
±0.1
Precision Chip Array
Power Resistors
PCA Series
www.ttelectronicsresistors.com
Ordering Procedure
Example: PCA164CD-4K75CBT5 (PCA164 with TCR of 50ppm/°C absolute and 25ppm/°C tracking, 4.75 kilohms,
tolerance of 0.25% absolute and 0.1% ratio, 5000 reel, Pb-free)
P
C
A
1
6
4
C
D
-
4
K
7
5
C
B
T
5
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Type
Absolute TCR
Tracking TCR1
Value
Absolute
Tolerance
Ratio
Tolerance1
Packing
PCA164
T = ±10ppm/°C
Y = ±15ppm/°C
3/4 characters
R = ohms
K = kilohms
B = ±0.1%
B = ±0.1%
T5 = 5000/reel
Y = ±15ppm/°C
D = ±25ppm/°C
C = ±0.25%
C = ±0.25%
D = ±25ppm/°C
C = ±50ppm/°C
D = ±0.5%
D = ±0.5%
C = ±50ppm/°C
F = ±1%
Note 1 – Optional characters. See Tolerance and TCR Availability table for valid combinations.
Packaging
PCA164 is packed in 8mm paper tape on a 7 inch reel of 5000 pieces.
Dimensions mm
A
B
W
E
F
P0
P1
P2
ØD0
T
PCA164
1.95
±0.1
3.50
±0.1
8.0
±0.2
1.75
±0.1
3.5
±0.05
4.0
±0.1
4.0
±0.05
2.0
±0.05
1.55
±0.05
0.85
±0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com