Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA Datasheet(PDF) 1 Page - TT Electronics.

Part # PCA
Description  Four elements in 1206 footprint
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCA Datasheet(HTML) 1 Page - TT Electronics.

  PCA Datasheet HTML 1Page - TT Electronics. PCA Datasheet HTML 2Page - TT Electronics. PCA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.ttelectronicsresistors.com
Electrical Data
Precision Chip Array
PCA Series
Precision thin film technology
Four elements in 1206 footprint
Tight tolerance down to ±0.1%
Low TCR down to ±10ppm/°C
Better TCR tracking and tolerance matching than using discrete parts
Physical Data
Marking
4-digit marking is used on the component. E.g. 1002 = 10KΩ. All relevant information is recorded on the primary package or
reel.
Solvent Resistance
The component is resistant to all normal industrial cleaning solvents suitable for printed circuits.
Construction
A thin-film material is selectively deposited on an alumina substrate together with metallic contacts at each end of the
resistor. The unadjusted resistors are heat treated to give the required TCR and stability, and then a precisely controlled
laser trim process adjusts the resistance value. Epoxy protection is applied and wrap-around terminations are added and
plated with nickel then tin. Each resistor is measured immediately before packing into tape.
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
Dimensions in mm and weight in mg
Type
L
W
H
a
b
c
y
Wt.
nom
PCA164
3.20
±0.15
1.60
±0.15
0.55
±0.1
0.50
±0.15
0.80
±0.05
0.30
±0.15
0.30
±0.15
9.0
PCA164
Power rating per resistor @70°C
watts
0.0625
Limiting element voltage
volts
50
Maximum overload voltage
volts
100
Resistance range
ohms
24R9 – 100K
Resistance tolerance
%
±1, ±0.5, ±0.25, ±0.1,
Matching tolerance
%
±0.5, ±0.25, ±0.1
TCR
ppm/°C
±50, ±25, ±15, ±10
Tracking TCR
ppm/°C
±50, ±25, ±15
Standard values
E96
Ambient temperature range
°C
-55 to +155
1002
Dimensions in mm and weight in mg
Type
L
W
H
a
b
c
y
Wt.
nom
PCA164
3.20
±0.15
1.60
±0.15
0.55
±0.1
0.50
±0.15
0.80
±0.05
0.30
±0.15
0.30
±0.15
9.0
Precision Chip Array
PCA Series
Precisionthinfilmtechnology
Fourelementsin1206footprint
Tighttolerancedownto±0.1%
LowTCRdownto±10ppm/°C
BetterTCRtrackingandtolerancematchingthanusingdiscreteparts
PCA164
Power rating per resistor @70°C
watts
0.0625
Limiting element voltage
volts
50
Maximum overload voltage
volts
100
Resistance range
ohms
24R9 – 100K
Resistance tolerance
%
±1, ±0.5, ±0.25, ±0.1,
Matching tolerance
%
±0.5, ±0.25, ±0.1
TCR
ppm/°C
±50, ±25, ±15, ±10
Tracking TCR
ppm/°C
±50, ±25, ±15
Standard values
E96
Ambient temperature range
°C
-55 to +155
PhysicalData
ElectricalData
Marking
4-digit marking is used on the component. E.g. 1002 = 10kΩ. All relevant information is recorded on the primary pack-
age or reel.
Solvent Resistance
The component is resistant to all normal industrial cleaning solvents suitable for printed circuits.
Construction
A thin-film material is selectively deposited on an alumina substrate together with metallic contacts at each end of the
resistor. The unadjusted resistors are heat treated to give the required TCR and stability, and then a precisely controlled
laser trim process adjusts the resistance value. Epoxy protection is applied and wrap-around terminations are added
and plated with nickel then tin. Each resistor is measured immediately before packing into tape.
Resistors
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
BI Technologies IRC Welwyn


Similar Part No. - PCA

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PCA APITECH-PCA Datasheet
808Kb / 1P
Attenuator Chip
logo
Nichicon corporation
PCA NICHICON-PCA Datasheet
979Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Adam Technologies, Inc.
PCA-1-08-V-3-20 ADAM-TECH-PCA-1-08-V-3-20 Datasheet
129Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-10-HU-3-50 ADAM-TECH-PCA-1-10-HU-3-50 Datasheet
129Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-XX-V-3-20 ADAM-TECH-PCA-1-XX-V-3-20 Datasheet
88Kb / 1P
909 Rahway Avenue
More results

Similar Description - PCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS31 TI-SN54LS31 Datasheet
137Kb / 4P
DELAY ELEMENTS
logo
EPCOS
B72728A0070M062 EPCOS-B72728A0070M062 Datasheet
102Kb / 5P
Multiple elements in one component
logo
Systemsensor advanced i...
2251-COPTIR SYSTEMSENSOR-2251-COPTIR Datasheet
777Kb / 2P
Advanced Multi-Criteria Fire Detector with four unique sensing elements
logo
Kemet Corporation
C1632C103K5RAC KEMET-C1632C103K5RAC Datasheet
938Kb / 7P
Four individual capacitors inside one 1206 monolithic structure
logo
Vishay Siliconix
RMHE VISHAY-RMHE_15 Datasheet
385Kb / 5P
Rotative Transducer Elements in Hall Effect Technology
27-Mar-15
logo
Texas Instruments
SN54LS31 TI1-SN54LS31_12 Datasheet
474Kb / 6P
DELAY ELEMENTS
logo
Xilinx, Inc
XC95288XL XILINX-XC95288XL Datasheet
84Kb / 11P
Available in small footprint packages
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
Available in small footprint packages
logo
Gamewell-FCI by Honeywe...
MCS-4-WARN GAMEWELL-FCI-MCS-4-WARN Datasheet
64Kb / 2P
Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
Vishay Siliconix
RMHE VISHAY-RMHE Datasheet
393Kb / 5P
Rotative Transducer Elements in Hall Effect Technology
27-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com