Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR Datasheet(PDF) 1 Page - TT Electronics.

Part # PCR
Description  Termination available for wire bonding or soldering
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCR Datasheet(HTML) 1 Page - TT Electronics.

  PCR Datasheet HTML 1Page - TT Electronics. PCR Datasheet HTML 2Page - TT Electronics. PCR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Thick Film
Surface Mounted Resistors
PCR Series
Tolerance down to 0.1%
Excellent load stability
Terminationavailableforwirebondingorsoldering
Resistancerange10ohmsto1Mohms
Anyresistancevalueavailablewithinspecifiedrange
Dimensions of standard styles (mm) & Weight (g)
Wrap around
planar
Style
L
W
T
A
B*
C
Wt
0805
2.0 ± 0.3 1.25 ± 0.2
0.6
0.3 ± 0.15
0.9min
0.3 ± 0.1
0.009
1005
2.5 ± 0.3 1.25 ± 0.2
0.7
Not available
0.4 ± 0.15
0.015
1206
3.2 ± 0.4 1.6 ± 0.2
0.7
0.4 ± 0.2
1.7min
0.4 0.15
0.020
Precision Thick Film
Surface Mounted Resistors
PCR Series
• Tolerance down to 0.1%
• Excellent load stability
• Termination available for wire bonding or
soldering
• Resistance range 10 ohms to 1M ohms
• Any resistance value available within
specified range
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 08.04
A subsidiary of
TT electronics plc
Welwyn Components
PCR0805
PCR1005
PCR1206
Notes
Power rating at 70°C
watts
0.1
0.125
0.25
Resistance range
ohms
10R to 1M
Limiting element voltage
volts
100
150
200
TCR -55°C to +155°C
ppm/°C
100
TCR +20°C to +70°C
ppm/°C
50
Resistance tolerance
%
0.1, 0.25, 0.5, 1
Values
E24 & E96 preferred
Any value to order
Thermal impedance
°C/watt
360
290
200
For 10 devices mounted
on a 50 x 25 mm p.c.b. area
Ambient temperature range*
°C
-55 to 155
Physical Data
*See Application Notes
33
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
T
W
L
Planar terminations
C
C
*This dimension determines the number of conductors which may pass under the surface mounted device.
Construction
Thick film resistor material, overglaze and organic protection
are screen printed on a 96% alumina substrate.
Adjustment
The components are adjusted to final value using a specially
developed technique, which assures optimum load stability
performance.
Terminations
Planar (or single-sided) termination is gold and suitable for
wire-bonding; wrap around is suitable for soldering.
Solderability
Wrap-around terminations have an electroplated nickel barrier
and solder coating, this ensures excellent ‘leach’ resistance
properties and solderability. They will withstand immersion in
solder at 260°C for 30 seconds.
Alternative styles for surface
mounting resistors
PCR_D.qxd
8/9/04
3:54 PM
Page 1
Make Possible
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - PCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PCR WELWYN-PCR Datasheet
98Kb / 2P
Precision Thick Film Surface Mounted Resistors
logo
Riedon Powertron
PCR RIEDON-PCR Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Nichicon corporation
PCR NICHICON-PCR Datasheet
1Mb / 2P
Chip Type, High Reliability
logo
Littelfuse
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
logo
Neutrik AG
PCR-0 NEUTRIK-PCR-0 Datasheet
91Kb / 2P
Colored rings with flat label surface for C-Series.
More results

Similar Description - PCR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV12P100A01B00 MURATA-PV12P100A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P101A01B00 MURATA-PV12P101A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P104A01B00 MURATA-PV12P104A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P105A01B00 MURATA-PV12P105A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P200A01B00 MURATA-PV12P200A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P201A01B00 MURATA-PV12P201A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P202A01B00 MURATA-PV12P202A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P503A01B00 MURATA-PV12P503A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12T101A01B00 MURATA-PV12T101A01B00 Datasheet
182Kb / 3P
available for ultrasonic cleaning after soldering
PV12T102A01B00 MURATA-PV12T102A01B00 Datasheet
182Kb / 3P
available for ultrasonic cleaning after soldering
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com