Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR Datasheet(PDF) 3 Page - TT Electronics.

Part # PCR
Description  Termination available for wire bonding or soldering
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCR Datasheet(HTML) 3 Page - TT Electronics.

  PCR Datasheet HTML 1Page - TT Electronics. PCR Datasheet HTML 2Page - TT Electronics. PCR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Precision Thick Film
Surface Mounted Resistors
PCR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 08.04
Welwyn Components
34
PCR_D.qxd
8/9/04
3:54 PM
Page 2
Ordering Procedure
Example: PCR0805 with solderable wraparound terminations at 10 kilohms and 0.1%
tolerance packed on a reel of up to 3000 pieces -
P C R 0 8 0 5 F – 1 0 K B I
Type
Termination
F
Solderable wraparound
0805 & 1206 only
G Gold pad planar
All sizes
Value (use IEC62 code)
Tolerance (use IEC62 code)
B
0.1%
C
0.25%
D
0.5%
Packing
I
Tape
0805F, 1206F
Up to 3000/reel
Standard
Waffle
G Termination
Precision Thick Film
Surface Mounted Resistors
PCR Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com