Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR Datasheet(PDF) 2 Page - TT Electronics.

Part # PCR
Description  Termination available for wire bonding or soldering
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCR Datasheet(HTML) 2 Page - TT Electronics.

  PCR Datasheet HTML 1Page - TT Electronics. PCR Datasheet HTML 2Page - TT Electronics. PCR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Thick Film
Surface Mounted Resistors
PCR Series
Precision Thick Film
Surface Mounted Resistors
PCR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 08.04
Welwyn Components
34
l
a
c
i
py
T
mum
i
x
aM
Load at rated power: 1000 hours at 70°C
∆R%
10 - 25k: 0.10
10 - 25k: 0.05
>25k - 1M: 0.4
>25k - 1M: 0.2
Load at rated power: 8000 hours at 70°C
∆R%
10 - 25k: 0.20
10 - 25k: 0.10
>25k - 1M: 0.80
>25k - 1M: 0.4
Load at 50% rated power: 1000 hours at 70°C
∆R%
10 - 1M: 0.10
10 - 1M: 0.03
Load at 50% rated power: 8000 hours at 70°C
∆R%
10 - 1M: 0.20
10 - 1M: 0.06
Shelf life: 12 months at room temperature
∆
1
0.0
5
0.0
%R
C
°
551
t
a
o
r
e
Z
C
°
0
7
ta
re
w
o
p
d
etar
m
o
r
f
g
n
itare
D
Overload
∆
4
0.0
%R
Dry heat: 1000 hours at 155°C
∆
4
0.0
1.0
%R
Long term damp heat
∆
4
0.0
1.0
%R
Temperature rapid change
∆
1
0.0
3
0.0
%R
Resistance to solder heat
∆
2
0.0
0
1.0
%R
005
s
tl
ov
f
oo
r
p
e
g
a
tl
oV
Operating Temperature Range
The chips can operate at a maximum temperature of 155°C
(see Performance Data). For soldered chips, the joint
temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C are used.
Mounting
This chip resistor is ideally suited for handling by automatic
methods due to its rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by wire
bonding (eg suffix ‘G’ in PCR0805G) or by reflow soldering of
wrap-around terminations (eg suffix ‘F’ in PCR0805F). The ‘F’
terminations provide good leach properties and ensure
reliable contact. Due to the robust construction the resistor
chip can be immersed in the solder bath for 30 seconds at
260°C. This enables the resistor to be mounted on one side
of a printed circuit and other wire-leaded components on the
other side.
Performance Data
1.0
5
2.0
5.0
1
%
.lo
T/e
z
i
S
PCR0805
10 to 1M
10 to 1M
100 to 1M
100 to 1M
PCR1005
10 to 1M
10 to 1M
100 to 1M
100 to 1M
PCR1206
10 to 1M
10 to 1M
100 to 1M
100 to 1M
Value Ranges
Application Notes
Packaging
Resistor chips are supplied taped and reeled on standard 8mm
tape to IEC 286-3.
Quantity per reel 3000 max.
Planar Terminations
Resistor chips are supplied in waffle packs.
PCR_D.qxd
8/9/04
3:54 PM
Page 2
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com