Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORWH Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # ORWH
Description  Compact relay with 1 Form A and 1 Form C contact arrangement
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ORWH Datasheet(HTML) 2 Page - TE Connectivity Ltd

  ORWH Datasheet HTML 1Page - TE Connectivity Ltd ORWH Datasheet HTML 2Page - TE Connectivity Ltd ORWH Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay ORWH (Continued)
Product code structure
Typical product code
ORWH
-SH
-1
12
D
M
1
F
WG
,000
Type
ORWH
Miniature PCB Relay ORWH
Category of protection
SS
Flux proof
SH Wash tight
Number of poles
1
1 pole
Coil voltage
Coil code: please refer to coil versions table (e.g. 12 = 12VDC)
Coil version
D
Standard
H
High temperature type
Contact arrangement
Blank 1 form C, 1 CO
M
1 form A, 1 NO
Contact material
Blank AgCdo
1
AgZnO
5
AgZnO + Au plating
3
AgNi
7
AgNi + Au plating
Insulation system designation
Blank Class 105 (A)
B
Class 120 (B)
F
F = Class 155 (F)
Option material
Blank Standard
H
Insulation plate use type
WG
For domestic appliances (IEC 60335-1, 4 Edition);
Suffix
,000 Standard
Dimensions
PCB layout
Bottom view on solder pins
439
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Wiring Diagram (Bottom View)
Outline Dimensions
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
ORWH
-SS
-1
12
D
M
,N000
1. Basic Series:
ORWH = Miniature Power PC board relay.
2. Enclosure:
SS = Vented (flux-tight)* plastic case.
SH = Sealed plastic case
3. Number of Poles:
1 = 1 pole
4. Coil Voltage:
03 = 3VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
05 = 5VDC
09 = 9VDC
24 = 24VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Option:
,N000= Standard model.
Other Suffix = Custom model.
* Not suitable for immersion cleaning
.622
± .02
(15.8
± .5)
.61
± .012
(15.5
± .3)
.748
± .012
(19.0
± .3)
.157
± .008
(4.0
± .2)
TERMINAL DIMENSIONS:
COIL: 0.024 (0.6) DIA.
LOAD: 0.12 x 0.35 (0.3 x 0.9)
.48
± .004
(12.2
± .1)
5 – .05 DIA
(1.3)
.236
± .004
(6.0
± .1)
.079
± .004
(2.0
± .1)
.236
± .004
(6.0
± .1)
ORWH-SH-112DM,N000
ORWH-SH-124DM,N000
ORWH-SH-105D,N000
ORWH-SH-106D,N000
Ourauthorizeddistributorsaremorelikelytomaintainthefollowingitemsinstockforimmediatedelivery.
Note: Only necessary terminals are
present on 1 Form A models.
ORWH-SH-109D,N000
ORWH-SH-112D,N000
ORWH-SH-124D,N000
ORWH-SH-148D,N000
ORWH-SS-112DM,N000
ORWH-SS-124DM,N000
ORWH-SS-148DM,N000
ORWH-SS-105D,N000
ORWH-SS-106D,N000
ORWH-SS-109D,N000
ORWH-SS-112D,N000
ORWH-SS-124D,N000
ORWH-SS-148D,N000
Socket
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
439
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Wiring Diagram (Bottom View)
Outline Dimensions
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
ORWH
-SS
-1
12
D
M
,N000
1. Basic Series:
ORWH = Miniature Power PC board relay.
2. Enclosure:
SS = Vented (flux-tight)* plastic case.
SH = Sealed plastic case
3. Number of Poles:
1 = 1 pole
4. Coil Voltage:
03 = 3VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
05 = 5VDC
09 = 9VDC
24 = 24VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Option:
,N000= Standard model.
Other Suffix = Custom model.
* Not suitable for immersion cleaning
.622
± .02
(15.8
± .5)
.61
± .012
(15.5
± .3)
.748
± .012
(19.0
± .3)
.157
± .008
(4.0
± .2)
TERMINAL DIMENSIONS:
COIL: 0.024 (0.6) DIA.
LOAD: 0.12 x 0.35 (0.3 x 0.9)
.48
± .004
(12.2
± .1)
5 – .05 DIA
(1.3)
.236
± .004
(6.0
± .1)
.079
± .004
(2.0
± .1)
.236
± .004
(6.0
± .1)
ORWH-SH-112DM,N000
ORWH-SH-124DM,N000
ORWH-SH-105D,N000
ORWH-SH-106D,N000
Ourauthorizeddistributorsaremorelikelytomaintainthefollowingitemsinstockforimmediatedelivery.
Note: Only necessary terminals are
present on 1 Form A models.
ORWH-SH-109D,N000
ORWH-SH-112D,N000
ORWH-SH-124D,N000
ORWH-SH-148D,N000
ORWH-SS-112DM,N000
ORWH-SS-124DM,N000
ORWH-SS-148DM,N000
ORWH-SS-105D,N000
ORWH-SS-106D,N000
ORWH-SS-109D,N000
ORWH-SS-112D,N000
ORWH-SS-124D,N000
ORWH-SS-148D,N000
Socket
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
Terminal assignment
Bottom view on solder pins
439
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Wiring Diagram (Bottom View)
Outline Dimensions
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
ORWH
-SS
-1
12
D
M
,N000
1. Basic Series:
ORWH = Miniature Power PC board relay.
2. Enclosure:
SS = Vented (flux-tight)* plastic case.
SH = Sealed plastic case
3. Number of Poles:
1 = 1 pole
4. Coil Voltage:
03 = 3VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
05 = 5VDC
09 = 9VDC
24 = 24VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Option:
,N000= Standard model.
Other Suffix = Custom model.
* Not suitable for immersion cleaning
.622
± .02
(15.8
± .5)
.61
± .012
(15.5
± .3)
.748
± .012
(19.0
± .3)
.157
± .008
(4.0
± .2)
TERMINAL DIMENSIONS:
COIL: 0.024 (0.6) DIA.
LOAD: 0.12 x 0.35 (0.3 x 0.9)
.48
± .004
(12.2
± .1)
5 – .05 DIA
(1.3)
.236
± .004
(6.0
± .1)
.079
± .004
(2.0
± .1)
.236
± .004
(6.0
± .1)
ORWH-SH-112DM,N000
ORWH-SH-124DM,N000
ORWH-SH-105D,N000
ORWH-SH-106D,N000
Ourauthorizeddistributorsaremorelikelytomaintainthefollowingitemsinstockforimmediatedelivery.
Note: Only necessary terminals are
present on 1 Form A models.
ORWH-SH-109D,N000
ORWH-SH-112D,N000
ORWH-SH-124D,N000
ORWH-SH-148D,N000
ORWH-SS-112DM,N000
ORWH-SS-124DM,N000
ORWH-SS-148DM,N000
ORWH-SS-105D,N000
ORWH-SS-106D,N000
ORWH-SS-109D,N000
ORWH-SS-112D,N000
ORWH-SS-124D,N000
ORWH-SS-148D,N000
Socket
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com