Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORWH Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # ORWH
Description  Compact relay with 1 Form A and 1 Form C contact arrangement
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ORWH Datasheet(HTML) 3 Page - TE Connectivity Ltd

  ORWH Datasheet HTML 1Page - TE Connectivity Ltd ORWH Datasheet HTML 2Page - TE Connectivity Ltd ORWH Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay ORWH (Continued)
Product code
Enclosure
Coil
Coil
Arrangement Cont.mat. Insulation
Option
Part number
ORWH-SH-105D1F,000
Wash tight
5VDC
Standard
1Form C, 1CO
AgZnO
Class F
Standard type
1-1721150-0
ORWH-SH-105H3F,000
High temp
AgNi
1-1721956-1
ORWH-SH-105HM3F,000
1Form A, 1NO
1-1721958-1
ORWH-SH-106D1F,000
6VDC
Standard
1Form C, 1CO
AgZnO
1-1721150-1
ORWH-SH-106DM1F,000
1Form A, 1NO
1-1721153-1
ORWH-SH-109H3F,000
9VDC
High temp 1Form C, 1CO
AgNi
1-1721956-3
ORWH-SH-112D1F,000
12VDC
Standard
AgZnO
1-1721150-3
ORWH-SH-112DM1F,000
1-1721153-3
ORWH-SH-112H3F,000
High temp
AgNi
1-1721956-4
ORWH-SH-112H3FH,000
Insulation pl.
1-1721948-4
ORWH-SH-112HM3F,000
1Form A, 1NO
Standard type
1-1721958-4
ORWH-SH-118H3F,000
18VDC
1Form C, 1CO
1-1721956-5
ORWH-SH-124D1F,000
24VDC
Standard
AgZnO
1-1721150-5
ORWH-SH-124DM1F,000
1Form A, 1NO
1-1721153-5
ORWH-SH-124H3F,000
High temp 1Form C, 1CO
AgNi
1-1721956-7
ORWH-SH-124HM3F,000
1Form A, 1NO
1-1721958-7
ORWH-SH-148D1F,000
48VDC
Standard
1Form C, 1CO
AgZnO
1-1721150-6
ORWH-SH-148DM1F,000
1Form A, 1NO
1-1721153-6
ORWH-SS-105D1F,000
Flux proof
5VDC
1Form C, 1CO
0-1721150-2
ORWH-SS-106D1F,000
6VDC
0-1721150-3
ORWH-SS-109D1F,000
9VDC
0-1721150-4
ORWH-SS-112D1F,000
12VDC
0-1721150-5
ORWH-SS-112DM1F,000
1Form A, 1NO
0-1721153-5
ORWH-SS-112H3F,000
High temp 1Form C, 1CO
AgNi
0-1721956-5
ORWH-SS-112HM3F,000
1Form A, 1NO
0-1721958-5
ORWH-SS-118H3F,000
18VDC
1Form C, 1CO
0-1721956-6
ORWH-SS-124D1F,000
24VDC
Standard
AgZnO
0-1721150-7
ORWH-SS-124DM1F,000
1Form A, 1NO
0-1721153-7
ORWH-SS-124H3F,000
High temp 1Form C, 1CO
AgNi
0-1721956-8
ORWH-SS-124H3FH,000
Insulation pl.
0-1721948-8
ORWH-SS-148D1F,000
48VDC
Standard
AgZnO
Standard type
0-1721150-8
ORWH-SS-148DM1F,000
1Form A, 1NO
0-1721153-8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com