Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORWH Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # ORWH
Description  Compact relay with 1 Form A and 1 Form C contact arrangement
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ORWH Datasheet(HTML) 1 Page - TE Connectivity Ltd

  ORWH Datasheet HTML 1Page - TE Connectivity Ltd ORWH Datasheet HTML 2Page - TE Connectivity Ltd ORWH Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay ORWH
n
Compact relay with 1 Form A and 1 Form C contact arrangement
n
10A switching capacity
n
Flux proof or sealed type available
n
6kV dielectric strength type available
Typical applications
Appliances, HVAC, emergency lighting
Approvals
UL E82292, TUV R50138967
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A, 1 NO
1 form C, 1 CO
Rated voltage
28VDC, 277VAC
Max. switching voltage
28VDC, 277VAC
Rated current
10A
Contact material
AgZnO, AgCdO, AgNi
Min. recommended contact load
100mA, 5VDC
Frequency of operation
600 ops./h
Operate/release time max.
10ms/5ms
Electrical endurance
AgZnO: form A, 10A, 250VAC, res., +85°C, Class B or F only 100x103 ops.
AgCdO: form A, 10A, 250VAC, res., +85°C, Class B or F only 50x103 ops.
AgNi: form A, 10A, 250VAC, res., +85°C, Class B or F only
50x103 ops.
Contact ratings, form A/form B
10A/6A 250VAC resistive
10A/6A 28VDC resistive
Mechanical endurance, DC coil
10x106 operations
Coil Data
Coil voltage range
3 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL
Class A, B, F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10 %
mW
003
3
2.1
0.3
25
360
005
5
3.5
0.5
70.0
360
006
6
4.2
0.6
100
360
009
9
6.3
0.9
225
360
012
12
8.4
1.2
400
360
024
24
16.8
2.4
1600
360
048
48
33.6
4.8
6400
360
All figures are given for coil without pre-energization, at ambient temperature +23°C
Insulation Data
Initial dielectric strength
between open contacts
750Vrms
between contact and coil
1500Vrms
Clearance/creepage
between open contacts
>1.6mm
between contact and coil
>3.2mm
Clearance/creepage
between open contacts, standard type
>1.6mm
for 6kV dielectrial strength type
>4mm
between contact and coil, standard type
>3.2mm
for 6kV dielectrial strength type
>4mm
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-30°C to +70°C
Category of environmental protection
IEC 61810
RTII - dust protected
RTIII - wash tight
Weight
9.5g
Resistance to soldering heat THT
IEC 60068-2-20
RTII: 270°C/10s
RTIII: 260°C/5s
Packaging/unit
tube/25, carton box/1000
Accessories
Product Code
Description
27E1064
Socket, rated 10A at 300VAC. UL Recognized for US
and Canada. Designed to fit same suggested board
layout as relay.
Zt


Similar Part No. - ORWH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ORWH MACOM-ORWH Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
ORWH-SH-103D,N000 MACOM-ORWH-SH-103D,N000 Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
ORWH-SH-103DM,N000 MACOM-ORWH-SH-103DM,N000 Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
ORWH-SH-105D,N000 MACOM-ORWH-SH-105D,N000 Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
ORWH-SH-105DM,N000 MACOM-ORWH-SH-105DM,N000 Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
More results

Similar Description - ORWH

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
1-Form-C OptoMOS Relay
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
1 through 8 form C (CO) contact arrangement
PBH TEC-PBH Datasheet
225Kb / 2P
1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com