Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN552 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RN552
Description  THIN FILM AMORPHOUS SILICON POSITION SENSITIVE DETECTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RN552 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RN552 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
properties, this can be a useful tool for tailoring material
properties to a particular use.
An important feature of a-Si, regardless of the deposition
technique, is the presence of dangling bonds, which arise due
to the non-periodic nature of amorphous silicon. In order to
minimize the negative effects of these dangling bonds, hydro-
gen is incorporated in the film to compensate for these bonds,
making the material suitable for electronic applications by
reduction of the defect state density and the associated levels
in the energy gap. The dangling bond density in non-hydroge-
nated a-Si is around 1019 cm±3 while in hydrogenated a-Si it is
<1017 cm±3. Incorporation of hydrogen has a very large effect
on key properties of the material, e.g., the effective energy
gap can range from 1.61 to 1.88 eV as the hydrogen content
varies from 7±21 at.-% and the resistivity can increase by
some two orders of magnitude on moving from zero hydrogen
to about 20 at.-% (in effect the material changes from a semi-
metal to a semiconductor). In addition to this, sputtered a-Si
has excellent adhesion to the substrate and the films can be
deposited for large-area devices limited only by target size
and of course vacuum chamber size.[14]
4. Research Program
Our workinvolves the fabrication of thin-film amorphous
silicon and crystalline devices, both of which show promising
results. The thin-film silicon workis founded on a long
research program studying the characteristics and properties
of sputtered amorphous silicon, in particular its hydrogena-
tion[15] and the light-induced Staebler±Wronski effect. Only
the thin-film PSDs will be described here. Note that the sensi-
tivities reported here are measured directly and are not ampli-
fied. Most of our devices are 20 mm ” 10 mm.
Structure 1: ITO is dc sputtered onto glass followed by an
RF deposition of a-Si:H for about 1 h, which produces films
of approximately 0.5±1 lm thick. A Schottky barrier is then
formed by evaporating Pt onto the a-Si:H layer. Finally two
contacts are made to the Pt layer in the x-direction and two
contacts to the ITO layer in the y-direction.
Structure 2: ITO is dc sputtered onto glass followed by the
deposition of non-hydrogenated a-Si for 5±10 min, followed
by a-Si:H for 1 h. A Schottky barrier is then formed as above
with contacts in the x-direction and y-direction as in Struc-
ture 1.
Structure 3: Al contacts are evaporated onto glass, followed
by 60 min of a-Si:H. A Schottky barrier is formed by evapo-
rating Pt onto a-Si:H and finally, a second pair of contacts is
made to the Pt film (x-direction), at right angles to the Al con-
tacts (y-direction).
5. Results
All of the devices in this workshowed optimal results in
photovoltaic mode and only these results are reported here.
Representative results from each structure are summarized in
Table 1. This includes the sensitivity and nonlinearity mea-
sured for 500 lm increments under a red laser (5 mW) and
focused white light (15 mW). Sensitivities for measurements
along x- and y-directions were taken to assess the potential
for future two-dimensional structures.
For an ideal device, when the voltage output versus distance
moved is plotted, a linear relationship should be found. A
figure of merit of a PSD is its nonlinearity, with a good device
having nonlinearities less than 15 %.[4] This quantity is defined
as follows:
Nonlinearity = d =2s/F = 2 Â RMS deviation
Measured full scale
(1)
and it is a measure of the distortion of the sensor output.
Another indication of device quality is the correlation co-
efficient, r, defined mathematically as
y± y=r
ry
rx
(x± x)
(2)
where r is the standard deviation. The quantity r gives a
good indication of device linearity with perfect linearity being
indicated when r is ±1. Another important figure of merit is
the spatial resolution of a device. This indicates the minimum
distance that can be clearly measured when the light spot is
moved from one position to another.
Structure 1: These devices have shown some good linear
results and sensitivities of around 16 lV per increment with
excellent linearities both in the x- and y-directions. An opti-
mized two-dimensional structure is now being designed.
Structure 2: These devices have shown high outputs, an im-
provement on the Structure 1 devices, producing outputs of
350 lV per increment and excellent linearity. We believe that
the non-hydrogenated a-Si acts like a semi-metal and makes
an excellent contact between the a-Si:H and the ITO. A graph
showing the response of this device under white light is shown
in Figure 3.
Structure 3: Measurements were taken between the a-Si
contacts and sensitivities of 2.9 mV per increment obtained,
although with reduced linearity. Increased linearity was found
across the Pt layer but with reduced sensitivities of 12 lV per
increment.
The maximum spatial resolution is calculated by measuring
the nonlinearities of devices for decreasing spatial increments
Adv. Mater. 2001, 13, No. 12±13, Julyl 4
Ó WILEY-VCH Verlag GmbH, D-69469 Weinheim, 2001 0935-9648/01/12±1307-03 $ 17.50+.50/0
3
J. Henry, J. Livingstone/Thin-Film Amorphous Silicon Position-Sensitive Detectors
Table 1. Results for Structures 1, 2, and 3 tested under a red laser and focused
white light with 500 lm increments. The x and y notation indicates measure-
ments made along two directions at right angles on the PSD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com