Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN552 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RN552
Description  THIN FILM AMORPHOUS SILICON POSITION SENSITIVE DETECTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RN552 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RN552 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
and this gives an indication of the maximum spatial resolu-
tion, which is less than 50 lm in our best devices. These
results are presented in Table 2.
6. Conclusions
In this workwe produced three different PSD structures
based on amorphous silicon, all of which showed promising
results.
l
Structures 1 and 2 appear to workas a pseudo n±i-SB
(Schottky barrier) (nOK?n( structure with ITO acting as
an n-layer, a-Si:H acting as the intrinsic layer and a Schott-
ky barrier being formed with the Pt and a-Si:H. Improved
contacts and the addition of resistive layers to the struc-
tures will improve device sensitivities. Structure 3 works
as a straightforward Schottky barrier device.
l
We tested all devices under red and white light. Even
allowing for different optical intensities, devices per-
formed better by a large margin in terms of linearity and
sensitivity, under white light than with the red laser light.
It is assumed that the optical response of a-Si:H to white
light is greatly enhanced due to the energy gap of the
absorbing region more closely matching that of the light
source.
l
Measurements taken along x- and y-directions were suffi-
ciently promising to indicate that there is potential for use-
ful two-dimensional PSDs.
l
Nonlinearities of the devices were usually less than 5 %
for increments down to 50 lm indicating useful devices
for high-resolution applications.
l
Future workwill focus on the optimization of our devices
to give linear results and high outputs in two dimensions.
We will attempt to increase the size of our devices and the
major challenges will be to maximize the active area while
achieving high spatial resolution. Further attempts will be
made to tailor material bandgaps to respond optimally to
particular light sources.
±
[1] W. Schottky, Phys. Z. 1930, 31, 913.
[2] J. Wallmark, Proc.ÐIRE 1957, 45, 474.
[3] T. Takeda, in Amorphous and Microcrystalline Semiconductor Devices:
Optoelectronic Devices (Ed: J. Kanicki), Artech House, Norwood, MA
1991.
[4] E. Fortunato, G. Lavareda, R. Martins, F. Soares, L. Fernandez, Sens.
Actuators A 1996, 51, 135.
[5] L. Lindholm, private communication.
[6] R. Martins, E. Fortunato, Thin Solid Films 1999, 337, 158.
[7] S. Arimoto, H. Yamamoto, H. Ohno, H. Hasegawa, Electron. Lett. 1983,
19, 628.
[8] E. Fortunato, G. Lavareda, M. Vieira, R. Martins, Rev. Sci. Instrum. 1994,
65, 3784.
[9] S. Arimoto, H. Yamamoto, H. Ohno, H. Hasegawa, J. Appl. Phys. 1985,
57, 4778.
[10] E. Fortunato, R. Martins, Solid State Phenom. 1995, 44±46, 883.
[11] J. Geist, in Sensor technology and Devices (Ed: L. Ristik), Artech House,
Norwood, MA 1994.
[12] D. E. Carlson, IEEE Trans. Electron Devices 1977, ED-24, 449.
[13] Y. Uchida, in Amorphous Semiconductors (Ed: Y. Hamakawa), North-
Holland, Amsterdam 1984.
[14] T. Moustakas, in Semiconductors and Semimetals (Ed: J. Pankove), Aca-
demic, London 1984.
[15] R. Ruther, J. Livingstone, N. Dytlewski, D. Cohen, Phys. Status Solidi A
1994, 144, K37.
4
Ó WILEY-VCH Verlag GmbH, D-69469 Weinheim, 2001 0935-9648/01/12±1307-04 $ 17.50+.50/0
Adv. Mater. 2001, 13, No. 12±13, July 4
J. Henry, J. Livingstone/Thin-Film Amorphous Silicon Position-Sensitive Detectors
Fig. 3. Device J25a (Structure 2) tested under focused white light in photovol-
taic mode resulting in a sensitivity of 350 lV per 500 lm increment.
Table 2. Calculated nonlinearities measured under focused white light for incre-
ments of 500 lm, 250 lm, 100 lm, and 50 lm.
______________________



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com