Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN552 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RN552
Description  THIN FILM AMORPHOUS SILICON POSITION SENSITIVE DETECTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RN552 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RN552 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN552 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
detect position in either a one-dimensional or a two-dimen-
sional sense.[2] When light is shone onto any p±n junction,
electron±hole pairs are generated on both sides of the junc-
tion and carriers move down the potential gradient, with
minority electrons moving from the p-side to the n-side and
minority holes moving from the n-side to the p-side. This sets
up a forward bias and a transverse photovoltage is set upÐ
this is the basic mechanism of a solar cell output voltage,
when the whole receiver surface is illuminated with light. If
now a spot of light is shone on a junction that has one layer
that is much more conductive than the other, a lateral photo-
voltage is also set up and we can observe a voltage parallel to
the plane of the junction. As before, electrons and holes are
generated on both sides of the junction, and the minority
carriers are swept across the junction. The photogenerated
carriers are swept down the built-in potential to the highly
conducting layer, and spread rapidly in this plane, forming an
equipotential layer. These carriers from the equipotential
layer then re-inject into the less conductive layer. In this low-
conductivity layer, slow-moving excess carriers are still
located in the region of the light spot. It is the tendency of
these bunched carriers to recombine with the re-injected car-
riers that constitute the lateral photovoltage. This photovol-
tage is a measure of the location of the light beam. Further-
more, the linear behavior of the incremental change in the
voltage with distance along the receiver surface indicates the
sensitivity, or the usefulness of the sensor.[6] This is the photo-
voltaic mode and Figure 1 shows a simplified crystalline
example of a PSD in this mode. If however, the device is
reverse biased, re-injection is inhibited by the increased
potential barrier, recombination is reduced, and the same con-
tacts can be used to collect currents flowing in the base layer.
In this case, current can be used to measure the location of
the beam. This is the photodiode mode.
Amorphous silicon devices, such as those based on p±i±n
and similar structures, follow the same general principles but
the precise carrier flow mechanisms are more complex. As
with p±i±n solar cells, electron±hole pair generation occurs in
the intrinsic layer and carriers are then separated by the junc-
tion potentials so that electrons move to the n-layer and holes
to the p-layer. These p±i±n structures can be configured as
one- or two-dimensional devices and are widely researched.
Mechanisms and properties of these devices are extensively
discussed in the literature.[4,7±10]
Our workis focused on the optimization of the actual thin-
film PSD structure so that we have concentrated mainly on
one-dimensional devices with some two-dimensional devices
constructed. We have designed a novel configuration compris-
ing an indium tin oxide (ITO) layer, followed by an a-Si film
and a platinum layer, and a typical configuration, which forms
a Schottky barrier device, is shown in Figure 2.
3. a-Si-based Position-Sensitive Detectors
PSDs based on crystalline structure have been widely
reported[11] but major drawbacks of these devices are their
limited area and high relative costs. These comparatively
small devices require complex and expensive optical systems
to ensure maximum utilization of their areas and to minimize
inherent discontinuities.[3] Research devices are often made
with pathlengths in the region of 20 mm, while commercial
devices range from 2.5 mm to about 30 mm. Our devices, both
crystalline and amorphous silicon, range from 16 mm to
20 mm by 10 mm.
Thin-film amorphous silicon is a well-established technol-
ogy nmaterial?n used extensively for the fabrication of solar
cells.[12,13] In a position-sensitive detector it can be deposited
as a transparent film, which makes it possible to utilize it for
angular detection.[9] It also has a number of inherent advan-
tages, including low-temperature processing capabilities, high
photosensitivity and short detector response times of ls.[10] Its
main drawbackis the high defect state density, which can be
greatly reduced using hydrogenation. Amorphous silicon can
be prepared using many techniques, among the more common
ones are radiofrequency (RF) and direct current (DC) glow
discharge, RF sputtering, chemical vapor deposition (CVD),
plasma-enhanced chemical vapor deposition (PECVD), and
ion discharge. Most of the latest workis on a-Si:H PSDs fabri-
cated using PECVD p±i±n structures.[4,10] These doped struc-
tures produce excellent linearity between voltage output and
position. Of the plasma techniques, glow discharge and sput-
tering, the former has received the most attention probably
due to its ability to produce films with superior optical and
electrical properties[14] but reactive sputtering deposition has
the advantage of permitting good control of the hydrogen
content of the amorphous silicon.[15] Since the hydrogen con-
tent of a-Si:H has a major effect on the optical and electrical
2
Ó WILEY-VCH Verlag GmbH, D-69469 Weinheim, 2001 0935-9648/01/12±1307-02 $ 17.50+.50/0
Adv. Mater. 2001, 13, No. 12±13, July 4
J. Henry, J. Livingstone/Thin-Film Amorphous Silicon Position-Sensitive Detectors
Fig. 1. A crystalline PSD configured for measurement in photovoltaic mode.
Fig. 2. A typical thin-film Schottky barrier device structure.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com