Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24C01A Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24C01A Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S24C01A Datasheet HTML 8Page - Seiko Instruments Inc S24C01A Datasheet HTML 9Page - Seiko Instruments Inc S24C01A Datasheet HTML 10Page - Seiko Instruments Inc S24C01A Datasheet HTML 11Page - Seiko Instruments Inc S24C01A Datasheet HTML 12Page - Seiko Instruments Inc S24C01A Datasheet HTML 13Page - Seiko Instruments Inc S24C01A Datasheet HTML 14Page - Seiko Instruments Inc S24C01A Datasheet HTML 15Page - Seiko Instruments Inc S24C01A Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
12
Seiko Instruments Inc.
7.2 Random Read
Random read is a mode used when the data is read from arbitrary memory addresses.
To load a memory address into the address counter inside the EEPROM, first perform a dummy write
according to the following procedures:
When the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code "0,"
following the start condition signal, it outputs the acknowledgment signal.
Next, the EEPROM receives an 8-bit length word address and outputs the acknowledgment signal. Last,
the memory address is loaded into the address counter of the EEPROM.
the EEPROM receives the write data during byte or page writing. However, data reception is not
performed during dummy write.
The memory address is loaded into the memory address counter inside the EEPROM during dummy write.
After that, the master device can read the data starting from the arbitrary memory address by transmitting
a new start condition signal and performing the same operation as that in the "Current Read."
That is, when the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code
"1," following the start condition signal, it outputs the acknowledgment signal.
Next, 8-bit length data is output from the EEPROM, in synchronization with the SCL clock. The master
device does not output an acknowledgment signal and transmits the stop condition signal to finish reading.
S
T
A
R
T
1
0 1 0
W
R
I
T
E
S
T
O
P
DEVICE
ADDRESS
WORD ADDRESS (n)
R
/
W
M
S
B
SDA LINE
A2 A1 A0
W7W6W5W4W3W2W1W0
A
C
K
L
S
B
A
C
K
A
C
K
0
1
0 1 0 A2 A1 A0 1
D7 D6 D5 D4 D3 D2 D1 D0
DATA (n)
DUMMY WRITE
DEVICE
ADDRESS
R
E
A
D
NO ACK from
Master Device
ADR INC
S
T
A
R
T
W7 is optional in the S-24C01A.
A0 is P0 in the S-24C04A.
Figure 13 Random Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com