Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24C01A Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24C01A Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S24C01A Datasheet HTML 10Page - Seiko Instruments Inc S24C01A Datasheet HTML 11Page - Seiko Instruments Inc S24C01A Datasheet HTML 12Page - Seiko Instruments Inc S24C01A Datasheet HTML 13Page - Seiko Instruments Inc S24C01A Datasheet HTML 14Page - Seiko Instruments Inc S24C01A Datasheet HTML 15Page - Seiko Instruments Inc S24C01A Datasheet HTML 16Page - Seiko Instruments Inc S24C01A Datasheet HTML 17Page - Seiko Instruments Inc S24C01A Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
14
Seiko Instruments Inc.
8. Address Increment Timing
The address increment timing is as follows. See Figures 15 and 16. During reading operation, the memory
address counter is automatically incremented at the falling edge of the SCL clock (the 8th read data is
output).
During writing operation, the memory address counter is also automatically incremented at the falling
edge of the SCL clock when the 8th bit write data is fetched.
Figure 15 Address Increment Timing During Reading
SCL
SDA
R / W=1
Address Increment
891
89
D7 Output
D0 Output
ACK Output
Figure 16 Address Increment Timing During Writing
SCL
SDA
R / W=0
891
89
D7 Input
D0 Input
ACK Output
ACK Output
Address Increment
Purchase of I2C components of Seiko Instruments Inc. conveys a license under the Philips I2C
Patent Rights to use these components in an I2C system, provided that the system conforms to the
I2C Standard Specification as defined by Philips.
Please note that any product or system incorporating this IC may infringe upon the Philips I2C Bus
Patent Rights depending upon its configuration.
In the event that such product or system incorporating the I2C Bus infringes upon the Philips Patent
Rights, Seiko Instruments Inc. shall not bear any responsibility for any matters with regard to and
arising from such patent infringement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com