Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24C01A Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24C01A Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S24C01A Datasheet HTML 14Page - Seiko Instruments Inc S24C01A Datasheet HTML 15Page - Seiko Instruments Inc S24C01A Datasheet HTML 16Page - Seiko Instruments Inc S24C01A Datasheet HTML 17Page - Seiko Instruments Inc S24C01A Datasheet HTML 18Page - Seiko Instruments Inc S24C01A Datasheet HTML 19Page - Seiko Instruments Inc S24C01A Datasheet HTML 20Page - Seiko Instruments Inc S24C01A Datasheet HTML 21Page - Seiko Instruments Inc S24C01A Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
18
Seiko Instruments Inc.
1.20 High input inversion voltage VIH
−
Power supply voltageVCC
1.16 Low level output voltage VOL
−
Ambient temperature Ta
1.17 Low level output voltage VOL
−
Ambient temperature Ta
1.18 Low level output current IOL
−
Ambient temperature Ta
1.19 Low level output current IOL
−
Ambient temperature Ta
1.21 High input inversion voltage VIH
−
Ambient temperature Ta
1.22 Low input inversion voltage VIL
−
Power supply voltageVCC
1.23 Low input inversion voltage VIL
−
Ambient temperature Ta
Ta (°C)
0.3
0.2
VCC=4.5 V
IOL=2.3 mA
-40
0
85
VOL
(V)
0.1
Ta (°C)
0.03
0.02
VCC=1.8 V
IOL=100
µA
-40
0
85
VOL
(V)
0.01
Ta (°C)
20
10
VCC=4.5 V
VOL=0.45 V
0
-40
0
85
IOL
(mA)
Ta (°C)
1.0
0.5
VCC=1.8 V
VOL=0.1 V
0
-40
0
85
IOL
(mA)
Ta=25°C
A0, A1, A2, SDA
SCL, TEST/WP
1.0
0
2.0
3.0
VIH
(V)
1 23 4567
VCC (V)
VCC=5.0 V
A0, A1, A2, SDA
SCL, TEST/WP
1.0
0
2.0
3.0
VIH
(V)
Ta (°C)
-40
085
Ta=25°C
A0, A1, A2, SDA
SCL, TEST/WP
1.0
0
2.0
3.0
VIL
(V)
123 456 7
VCC (V)
1.0
0
2.0
3.0
VIL
(V)
Ta (°C)
-40
085
Ta=5.0V
A0, A1, A2, SDA
SCL, TEST/WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com