Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI7654 Datasheet(PDF) 2 Page - Epson Company

Part # SCI7654
Description  DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7654 Datasheet(HTML) 2 Page - Epson Company

  SCI7654 Datasheet HTML 1Page - Epson Company SCI7654 Datasheet HTML 2Page - Epson Company SCI7654 Datasheet HTML 3Page - Epson Company SCI7654 Datasheet HTML 4Page - Epson Company SCI7654 Datasheet HTML 5Page - Epson Company SCI7654 Datasheet HTML 6Page - Epson Company SCI7654 Datasheet HTML 7Page - Epson Company SCI7654 Datasheet HTML 8Page - Epson Company SCI7654 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SCI7654M0A/C0A
2
PIN CONFIGURATION
PIN DESCRIPTION
1
8
2
3
4
5
6
7
16
9
15
14
13
12
11
10
C2P
C2N
C3N
C1N
C1P
VIN
POFF1
POFF2
VOUT
VRI
VREG
RV
VDD
FC
TC1
TC2
SSOP2-16pin/DIP-16pin
Pin No.
Pin Name
Function
1VOUT
Voltage output
2VRI
Regulator input
3VREG
Regulator output
4
RV
Input for regulator output voltage adjustment
5VDD
Input voltage pin (Positive)
6
FC
Internal clock rate switch input, and clock input in serial/parallel
connection (Common input pin)
7
TC1
Input for regulator output temperature gradient setup (1)
8
TC2
Input for regulator output temperature gradient setup (2)
9
POFF2
Power-off control input (2)
10
POFF1
Power-off control input (1)
11
VIN
Input voltage pin (Negative)
12
C1P
Common double and quadruple boosting capacitor positive pin
13
C1N
Double boosting capacitor negative pin
14
C3N
Quadruple boosting capacitor negative pin
15
C2N
Triple boosting capacitor negative pin
16
C2P
Triple boosting capacitor positive pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com