Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI7654 Datasheet(PDF) 5 Page - Epson Company

Part # SCI7654
Description  DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7654 Datasheet(HTML) 5 Page - Epson Company

  SCI7654 Datasheet HTML 1Page - Epson Company SCI7654 Datasheet HTML 2Page - Epson Company SCI7654 Datasheet HTML 3Page - Epson Company SCI7654 Datasheet HTML 4Page - Epson Company SCI7654 Datasheet HTML 5Page - Epson Company SCI7654 Datasheet HTML 6Page - Epson Company SCI7654 Datasheet HTML 7Page - Epson Company SCI7654 Datasheet HTML 8Page - Epson Company SCI7654 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SCI7654M0A/C0A
FUNCTIONAL DESCRIPTION
Clock Generator Circuit
As the SCI7654 has a built-in clock generator circuit, it requires no external source at all. The clock rate changes
depending on the FC pin signal level, and the Low Output or High Output mode can be selected. This allows
a frequency selection according to the current capacitance and load current when the booster output impedance
changes depending on the clock rate and external booster capacitance.
Voltage Converter Circuit
The voltage converter receives a clock from the clock generator, and boosts the VIN input power voltage
quadruple, triple or double. Four converter circuits are required for quadruple boosting, three converts are
required for triple boosting, and dual converters are required for double boosting.
Voltage step-up diagram (during -5V input)
Reference Voltage Circuit
The SCI7654 has a built-in reference voltage circuit for the voltage regulator. The temperature coefficient of
reference voltage can be changed using pins TC1 and TC2, and a voltage having one of four types of temperature
gradients can be output at VREG pin for LCD driving.
VDD
(0V)
VIN
(-5V)
-10V
-15V
-20V
10V
15V
20V
double boosting
triple boosting
quadruple boosting
TC1
TC2
Reference Voltage, VREF (V)
Temperature Coefficient, CT (%/˚C)
Mode
Min.
Typ.
Max.
Min.
Typ.
Max.
CT0
H(VDD)
H(VDD)
-1.55
-1.5
-1.45
-0.07
-0.04
0
CT1
H
L(VIN)
-1.70
-1.5
-1.30
-0.25
-0.15
-0.07
CT2
L(VIN)
H
-1.90
-1.5
-1.10
-0.45
-0.35
-0.20
CT3
L
L
-2.15
-1.5
-0.85
-0.75
-0.55
-0.30
FC pin
Mode
Clock Rate
Current Consumption
Output Ripple
H (VDD)
Low Output
4.0 kHz (Typ.)
IOP
VRP
L (VIN)
High Output
16.0 kHz (Typ.)
Approx. 4 times of IOP
Approx. 1/4 time of VRI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com