Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI7654 Datasheet(PDF) 3 Page - Epson Company

Part # SCI7654
Description  DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7654 Datasheet(HTML) 3 Page - Epson Company

  SCI7654 Datasheet HTML 1Page - Epson Company SCI7654 Datasheet HTML 2Page - Epson Company SCI7654 Datasheet HTML 3Page - Epson Company SCI7654 Datasheet HTML 4Page - Epson Company SCI7654 Datasheet HTML 5Page - Epson Company SCI7654 Datasheet HTML 6Page - Epson Company SCI7654 Datasheet HTML 7Page - Epson Company SCI7654 Datasheet HTML 8Page - Epson Company SCI7654 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SCI7654M0A/C0A
ELECTRICAL CHARACTERISTICS
(Unless otherwise designated: Ta=–30
°V to +85°C, VDD=0V, VIN=–5.0V)
Rating
Symbol
Min.
Max.
Unit
Remark
Input Power Voltage
VIN
-26.0/N
VDD +0.3
V
N=Boosting time;
at VIN pin
Input Pin Voltage
VI
VIN -0.3
VDD +0.3
V
POFF1, POFF2
TC1, TC2, FC pins
Output Pin Voltage 1
V0C1
VIN -0.3
VDD +0.3
V
At C1P and C2P pins
Output Pin Voltage 2
VOC2
2
VIN -0.3
VIN +0.3
V
At C1N pin
Output Pin Voltage 3
VOC3
3
VIN -0.3
2
VIN +0.3
V
At C2N pin
Output Pin Voltage 4
VOC4
4
VIN -0.3
3
VIN +0.3
V
At C3N pin
Regulator Input Power Voltage
VRI
N
VIN -0.3
VDD +0.3
V
N=Boosting time; at VRI pin
Regulator Input Pin Voltage
VRV
N
VIN -0.3
VDD +0.3
V
N=Boosting time; at RV pin
Output Voltage
V0
N
VIN -0.3
VDD +0.3
V
N=Boosting time; at VOUT
and VREG pins
Input Current
IIN
—
80
mA
At VIN pin
Output Current
IOUT
—
N
≤4: 20
mA
N=Boosting time; at VOUT
N>4: 80/N
and VREG pins
Allowable Loss
Pd
—
210
mW
—
Operating Temperature
Topr
-30
85
˚C
—
Storage Temperature
Tstg
-55
150
˚C
—
Soldering Temperature and Time
Tsol
—
260•10
˚C.S
Temperature at leads
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Power Voltage 1
VIN1
During quadruple boosting
-5.5
—
-2.4
V
Input Power Voltage 2
VIN2
During triple boosting
-7.3
—
-2.4
V
Input Power Voltage 3
VIN3
During double boosting
-11
-2.4
V
Input Power Voltage N
VINN
During large-time boosting using
-22/N
—
-2.4
V
external diodes
Boost Startup Input Power Voltage
VSTA
N=Boosting time, IOUT<200
A,
-22/N
—
-2.4
V
FC=VDD
Booster Output Voltage
VOUT
—
-22
——
V
Regulator Input Voltage
VRI
—
-22
—
-2.4
V
Regulator Output Voltage
VREG
IREG=0, VRI=-22V,
——
-2.4
V
RRV=1M
Ω
Booster Output Impedance
ROUT
IOUT=10mA, during quadruple
—
200
300
boosting
Booster Power Conversion
Peff
IOUT=2 mA; during quadruple
—
95
—
%
Efficiency
boosting;
C1, C2, C3, COUT=10 F Tantalum
Booster Operating Current
IOPR1
FC=VDD, POFF1=VIN, POFF2=VDD;
—
130
220
A
Consumption 1
during no loading;
C1, C2, C3, COUT=10 F Tantalum
Booster Operating Current
IOPR2
FC=VIN, POFF1=VIN, POFF2=VDD;
—
520
880
A
Consumption 2
during no loading;
C1, C2, C3, COUT=10 F Tantalum
Regulator Operating Current
IOPVR
VRI=-20 V, during no loading,
—
10
15
A
Consumption
RRV=1 M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com