Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M51995
Description  SWITCHING REGULATOR CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51995 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M51995 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SWITCHING REGULATOR CONTROL
M51995AP/FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 27 )
BLOCK DIAGRAM
CLM-
-CURRENT LIMIT
F/B
COLLECTOR
EMITTER
VOLTAGE
REGULATOR
V
V
A
36
36
±2
±0.15
Vcc
Vcc
-4.0 to +4.0
Symbol
Ratings
Unit
Parameter
Conditions
ABSOLUTE MAXIMUM RATINGS
VCC
Supply voltage
Collector voltage
Output current
VF terminal voltage
ON/OFF terminal voltage
CLM-terminal voltage
VC
IO
VVF
V
V
mA
mW/˚C
-0.3 to +4.0
8
6
5
0~10
-1
-2
CLM+terminal voltage
OVP terminal current
DET terminal voltage
Power dissipation
Thermal derating factor
Operating temperature
Storage temperature
Pd
K
Topr
Tstg
W
˚C
1.5
12
-30 to +85
-40 to +125
150
Ta=25˚C
Ta>25˚C
Tj
Junction temperature
Peak
Continuous
2
VON/OFF
VCLM-
VCLM+
IOVP
VDET
IDET
VFB
ITON
ITOFF
DET terminal input current
F/B terminal voltage
T-ON terminal input current
T-OFF terminal input current
˚C
˚C
mA
mA
V
mA
V
V
V
Note 1."+" sign shows the direction of current flow into the IC and "-" sign shows the current flow from the IC.
2.This terminal has the constant voltage characteristic of 6 to 8V,when current is supplied from outside.The maximum allowable
voltage is 6V when the constant voltage is applied to this terminal.And maximum allowable current into this terminal is 5mA.
3.The low impedance voltage supply should not be applied to the OVP terminal.
VCC
DET
GND
UNDER
VOLTAGE
LOCKOUT
VOUT
2.5V
OP AMP
PWM
LATCH
PWM
COMPARATOR
INTERMITTENT
ACTION
INTERMITTENT
ACTION AND
OSC CONTROL
-CURRENT
LIMIT LATCH
+CURRENT
LIMIT LATCH
OSCILLATOR
(TRIANGLE)
CLM+
+CURRENT LIMIT
CT
INTERMITTENT OPERATION
DETERMINE CAPACITANCE
LATCH
500
6S
1S
3K
1S
1S
15.2K
7.1V
5.8V
ON/OFF
OVP(shut down)
OSCILLATOR CAPACITANCE CF
OSCILLATOR RESISTANCE T-ON
(ON duty)
OSCILLATOR RESISTANCE T-OFF
(OFF duty)
VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com