Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M51995 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M51995
Download  M51995 Download
File Size   461.56 Kbytes
Page   27 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SWITCHING REGULATOR CONTROL

M51995 Datasheet (PDF)

Go To PDF Page Download Datasheet
M51995 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M51995
Download  M51995 Click to download

File Size   461.56 Kbytes
Page   27 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SWITCHING REGULATOR CONTROL

M51995 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M51995 Product details

DESCRIPTION

M51995A is the primary switching regulator controller which is especially designed to get the regulated DC voltage from AC power supply. This IC can directly drive the MOS-FET with fast rise and fast fall output pulse. Type M51995A has the functions of not only high frequency OSC

and fast output drive but also current limit with fast response and high sensibility so the true "fast switching regulator" can be realized. It has another big feature of current protection to short and over current,owing to the integrated timer-type protection circuit,if few parts are added to the primary side. The M51995A is equivalent to the M51977 with externally resettable OVP(over voltage protection)circuit.



FEATURES

♦ 500kHz operation to MOS FET

•Output current...............................................................±2A

•Output rise time 60ns,fall time 40ns

•Modified totempole output method with small through current

♦ Compact and light-weight power supply

•Small start-up current............................................90µA typ.

•Big difference between "start-up voltage" and "stop voltage" makes the smoothing capacitor of the power input section small. Start-up threshold 16V,stop voltage 10V

•Packages with high power dissipation are used to with-stand the heat generated by the gate-drive current of MOS FET. 16-pin DIP,20-pin SOP 1.5W(at 25°C)

♦ Simplified peripheral circuit with protection circuit and built-in large-capacity totempole output

•High-speed current limiting circuit using pulse-by-pulse method(Two system of CLM+pin,CLM-pin)

•Protection by intermittent operation of output over current................................................................Timer protection circuit

•Over-voltage protection circuit with an externally re-settable latch(OVP)

•Protection circuit for output miss action at low supply voltage(UVLO) High-performance and highly functional power supply

•Triangular wave oscillator for easy dead time setting




Similar Part No. - M51995

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51995AFP RENESAS-M51995AFP Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51995AFP RENESAS-M51995AFP Datasheet
457Kb / 43P
Switching Regulator Control
M51995AFP RENESAS-M51995AFP Datasheet
435Kb / 41P
Switching Regulator Control
Rev.2.01 Nov 14, 2007
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
Switching Regulator Control
More results


Similar Description - M51995

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
SWITCHING REGULATOR CONTROL?
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
SWITCHING REGULATOR CONTROL IC
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
Switching Regulator Control
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
Switching Regulator Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com