Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet (PDF) - Renesas Technology Corp

M51995AFP Datasheet PDF - Renesas Technology Corp
Part # M51995AFP
Download  M51995AFP Download
File Size   435.78 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switching Regulator Control

M51995AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M51995AFP Datasheet PDF - Renesas Technology Corp

Part # M51995AFP
Download  M51995AFP Click to download

File Size   435.78 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switching Regulator Control

M51995AFP Datasheet (HTML) - Renesas Technology Corp


M51995AFP Product details

Description
M51995A is the primary switching regulator controller which is especially designed to get the regulated DC voltage
from AC power supply.
This IC can directly drive the MOS-FET with fast rise and fast fall output pulse.
Type M51995A has the functions of not only high frequency OSC and fast output drive but also current limit with fast
response and high sensibility so the true “fast switching regulator” can be realized.
It has another big feature of current protection to short and over current, owing to the integrated timer-type protection
circuit, if few parts are added to the primary side.
The M51995A is equivalent to the M51977 with externally re-settable OVP (over voltage protection) circuit.

Features
• 500 kHz operation to MOS FET
 Output current : ±2 A
 Output rise time 60 ns, fall time 40 ns
 Modified totempole output method with small through current
• Compact and light-weight power supply
 Small start-up current : 90 μA typ.
 Big difference between “start-up voltage” and “stop voltage” makes the smoothing capacitor of the power input
section small.
Start-up threshold 16 V, stop voltage 10 V
 Packages with high power dissipation are used to with-stand the heat generated by the gate-drive current of MOS
FET.
16-pin DIP, 20-pin SOP 1.5 W (at 25°C)
• Simplified peripheral circuit with protection circuit and built-in large-capacity totempole output
 High-speed current limiting circuit using pulse-by-pulse method (Two system of CLM+pin, CLM−pin)
 Protection by intermittent operation of output over current : Timer protection circuit
 Over-voltage protection circuit with an externally re-settable latch (OVP)
 Protection circuit for output miss action at low supply voltage (UVLO)
• High-performance and highly functional power supply
 Triangular wave oscillator for easy dead time setting

Application
Feed forward regulator, fly-back regulator




Similar Part No. - M51995AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51995AFP RENESAS-M51995AFP Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51995AFP RENESAS-M51995AFP Datasheet
457Kb / 43P
Switching Regulator Control
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
Switching Regulator Control
More results


Similar Description - M51995AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51995AP MITSUBISHI-M51995AP Datasheet
461Kb / 27P
SWITCHING REGULATOR CONTROL
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
SWITCHING REGULATOR CONTROL?
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
SWITCHING REGULATOR CONTROL IC
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
Switching Regulator Control
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
Switching Regulator Control
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com