Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 5Page - Renesas Technology Corp M51995AFP Datasheet HTML 6Page - Renesas Technology Corp M51995AFP Datasheet HTML 7Page - Renesas Technology Corp M51995AFP Datasheet HTML 8Page - Renesas Technology Corp M51995AFP Datasheet HTML 9Page - Renesas Technology Corp M51995AFP Datasheet HTML 10Page - Renesas Technology Corp M51995AFP Datasheet HTML 11Page - Renesas Technology Corp M51995AFP Datasheet HTML 12Page - Renesas Technology Corp M51995AFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 9 of 40
VF Threshold Voltage for Timer vs.
Ambient Temperature
Threshold Voltage of CLM+ Terminal vs.
Ambient Temperature
CLM+ Terminal Current vs.
CLM+ Terminal Voltage
CLM+ Terminal Voltage VCLM+ (V)
Threshold Voltage of CLM
− Terminal vs.
Ambient Temperature
CLM
− Terminal Current vs.
CLM
− Terminal Voltage
CLM
− Terminal Voltage VCLM− (V)
Output High Voltage vs.
Output Source Current
Output Source Current IOH (A)
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
4.0
3.0
3.5
2.5
2.0
−60 −40
0
−20
20
40
60
80 100
−60 −40
0
−20
20
40
60
80 100
−60 −40
0
−20
20
40
60
80 100
210
200
205
195
190
−210
−205
−200
−195
−190
400
300
200
100
0
0 0.1
0.3
0.5
0.7
0.2
0.4
0.6
0.8 0.9 1.0
−500
−400
−300
−200
−100
0
0
−0.2
−0.4
−0.6
−0.8
−1.0
2.6
2.4
2.2
2.0
1.8
1.6
1.2
1.4
1.0
0.8
0.6
1 m
10 m
100 m
1
10
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
VCC = 18 V
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com