Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 7Page - Renesas Technology Corp M51995AFP Datasheet HTML 8Page - Renesas Technology Corp M51995AFP Datasheet HTML 9Page - Renesas Technology Corp M51995AFP Datasheet HTML 10Page - Renesas Technology Corp M51995AFP Datasheet HTML 11Page - Renesas Technology Corp M51995AFP Datasheet HTML 12Page - Renesas Technology Corp M51995AFP Datasheet HTML 13Page - Renesas Technology Corp M51995AFP Datasheet HTML 14Page - Renesas Technology Corp M51995AFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 11 of 40
ON Duty vs.
F/B Terminal Input Current
Upper & Lower Limit Voltage of OSC vs.
Ambient Temperature
ON Duty vs. ROFF
F/B Terminal Input Current IF/B (mA)
Oscillating Frequency vs.
CF Terminal Capacity
CF Terminal Capacity (pF)
Oscillating Frequency vs.
Ambient Temperature
ROFF (kΩ)
Oscillating Frequency vs.
Ambient Temperature
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
120
110
100
90
80
−60 −40 −20 0
20
40
60
80 100
700
600
500
400
300
200
−60 −40 −20 0
20
40
60
80 100
5.4
5.2
4.8
4.4
4.0
2.2
2.0
1.8
1.6
−60 −40 −20 0
20
40
60
80 100
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
10000
1000
100
10
1
1
3
10
3
100
3
1000 3 10000
100
90
80
70
60
50
40
20
30
0
10
1
35
7 10
35
7 100
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
(fOSC = 500 kHz)
RON = 18 kΩ
ROFF = 20 kΩ
fOSC = 500 kHz
fOSC = 200 kHz
fOSC = 100 kHz
RON = 18 kΩ
ROFF = 20 kΩ
fOSC = 100 kHz
fOSC = 200 kHz
fOSC = 500 kHz
RON = 22 kΩ
ROFF = 12 kΩ
RON = 36 kΩ
ROFF = 6.2 kΩ
RON = 24 kΩ
ROFF = 20 kΩ
51 k
Ω
36 k
Ω
24 k
Ω
22 k
Ω
18 k
Ω
15 k
Ω
10 k
Ω
R
ON = 75 kΩ
RON = 24 kΩ
ROFF = 20 kΩ
CF = 47 pF
RON = 24 kΩ
ROFF = 20 kΩ
CF = 330 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com