Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 32Page - Renesas Technology Corp M51995AFP Datasheet HTML 33Page - Renesas Technology Corp M51995AFP Datasheet HTML 34Page - Renesas Technology Corp M51995AFP Datasheet HTML 35Page - Renesas Technology Corp M51995AFP Datasheet HTML 36Page - Renesas Technology Corp M51995AFP Datasheet HTML 37Page - Renesas Technology Corp M51995AFP Datasheet HTML 38Page - Renesas Technology Corp M51995AFP Datasheet HTML 39Page - Renesas Technology Corp M51995AFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 36 of 40
2. MOS FET gate drive power dissipation
Figure 39 shows the relation between the applied gate voltage and the stored gate charge.
In the region 1, the charge is mainly stored at CGS as the depletion is spread and CGD is small owing to the off-state
of MOS FET and the high drain voltage.
In the region 2, the CGD is multiplied by the “mirror effect” as the characteristics of MOS FET transfers from off-
state to on-state.
In the region 3, both the CGD and CGS affect to the characteristics as the MOS FET is on-state and the drain voltage
is low.
Total Stored Gate Charge (nC)
20
15
10
5
0
04
8
12
16
20
Drain
ID
VD
CDS
CGS
Source
VGS
Gate
CGD
VDS = 80 V
200 V
320 V
ID = 4 A
(1)
(2)
(3)
Figure 39 The Relation between Applied Gate-Source Voltage and Stored Gate Charge
The charging and discharging current caused by this gate charge makes the gate power dissipation. The relation
between gate drive current ID and total gate charge QGSH is shown by following equation;
ID = QGSH • fOSC ……………………………………………… (11)
Where
fosc is switching frequency
As the gate drive current may reach up to several tenths milliamperes at 500 kHz operation, depending on the size of
MOS FET, the power dissipation caused by the gate current can not be neglected.
In this case, following action will be considered to avoid heat up of type M51995A.
(1) To attach the heat sink to type M51995A
(2) To use the printed circuit board with the good thermal conductivity
(3) To use the buffer circuit shown next section
3. Output buffer circuit
It is recommended to use the output buffer circuit as shown in figure 40, when type M51995A drives the large
capacitive load or bipolar transistor.
VOUT
M51995A
Figure 40 Output Buffer Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com